Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-PC72 Datasheet(PDF) 14 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 14 Page - Fox Electronics

Back Button FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics FVXO-PC72 Datasheet HTML 10Page - Fox Electronics FVXO-PC72 Datasheet HTML 11Page - Fox Electronics FVXO-PC72 Datasheet HTML 12Page - Fox Electronics FVXO-PC72 Datasheet HTML 13Page - Fox Electronics FVXO-PC72 Datasheet HTML 14Page - Fox Electronics FVXO-PC72 Datasheet HTML 15Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
FVXO-PC72 Series
Page 14 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Products are grouped together by process for MTTF calculations.
(All XpressO output and package types are manufactured with the same process)
Number of Parts Tested:
360 (120 of each output type: HCMOS, LVDS, LVPECL)
Number of Failures: 0
Test Temperature:
125°C
Number of Hours:
2000
MTTF was calculated using the following formulas:
[1.] Device Hours (devhrs) = (number of devices) x (hours at elevated temperature in °K)
[2.]
2
2
χ
×
×
=
af
devhrs
MTTF
[3.] FITS =
MTTF
1
* 10
9
Where:
Label
Name
Formula/Value
af
Acceleration Factor
e
t
t
k
eV
)
1
1
(
)
(
2
1
−
×
eV
Activation Energy
0.40 V
k
Bolzman’s Constant
8.62 X 10
-5 eV/°K
t1
Operating Temperature (°K)
t2
Accelerated Temperature (°K)
Θ
Theta
Confidence Level (60% industry standard)
r
Failures
Number of failed devices
χ
2
Chi-Square
statistical significance for bivariate tabular analysis [table look-
up] based on assumed
Θ (Theta – confidence) and number of
failures (r)
For zero failures (60% Confidence):
χ
2 = 1.830
DEVICE-HOURS = 360 x 2000 HOURS = 720,000
ACCELERATION FACTOR =
e
)
398
1
298
1
(
)
625
.
8
40
.
0
(
−
×
= 49.91009
MTTF =
833
.
1
2
91009
.
49
000
,
720
×
×
= 39,209,238 Hours
Failure Rate =
2
91009
.
49
000
,
720
833
.
1
×
×
= 2.55E-8
FITS = Failure Rate *1E9 = 26
MTTF / FITS Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com