Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-PC72 Datasheet(PDF) 9 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 9 Page - Fox Electronics

Back Button FVXO-PC72 Datasheet HTML 5Page - Fox Electronics FVXO-PC72 Datasheet HTML 6Page - Fox Electronics FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics FVXO-PC72 Datasheet HTML 10Page - Fox Electronics FVXO-PC72 Datasheet HTML 11Page - Fox Electronics FVXO-PC72 Datasheet HTML 12Page - Fox Electronics FVXO-PC72 Datasheet HTML 13Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FVXO-PC72 Series
Page 9 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
LOT Number
The LOT Number has direct ties to the customer purchase order. The LOT Number is marked on the
“Reel” label, and also stored internally on non-volatile memory inside the XPRESSO part. XPRESSO parts
that are shipped Tape and Reel, are also placed in an Electro Static Discharge (ESD) bag and will have the
LOT Number labeled on the exterior of the ESD bag.
It is recommended that the XPRESSO parts remain in this ESD bag during storage for protection and
identification.
If the parts become separated from the label showing the LOT Number, it can be retrieved from inside one
of the parts, and the information that can be obtained is listed below:
• Customer Purchase Order Number
• Internal Fox Sales Order Number
• Dates that the XPRESSO part was shipped from the factory
• The assigned customer part number
• The specification that the part was designed for
Serial Identification
The Serial ID is the individualized information about the configuration of that particular XPRESSO part. The
Serial ID is unique for each and every XPRESSO part, and can be read by special Fox equipment.
With the Serial ID, the below information can be obtained about that individual, XPRESSO part:
• Equipment that the XPRESSO part was configured on
• Raw material used to configure the XPRESSO part
• Traceability of the raw material back to the foundries manufacturing lot
• Date and Time that the part was configured
• Any optimized electrical parameters based on customer specifications
• Electrical testing of the actual completed part
• Human resource that was monitoring the configuration of the part
Fox has equipment placed at key Fox locations World Wide to read the Lot Identification and Serial
Number of any XPRESSO part produced and can then obtain the information from above within 24 hours
Traceability – LOT Number & Serial Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com