Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-PC72 Datasheet(PDF) 13 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 13 Page - Fox Electronics

Back Button FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics FVXO-PC72 Datasheet HTML 10Page - Fox Electronics FVXO-PC72 Datasheet HTML 11Page - Fox Electronics FVXO-PC72 Datasheet HTML 12Page - Fox Electronics FVXO-PC72 Datasheet HTML 13Page - Fox Electronics FVXO-PC72 Datasheet HTML 14Page - Fox Electronics FVXO-PC72 Datasheet HTML 15Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FVXO-PC72 Series
Page 13 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Burn-In Testing – under power 2000 Hours, 125°C
XpressO LVPECL Burn-In (Power on)
Freq = 10MHz, N = 120
-20
-15
-10
-5
0
5
10
15
Initial
250 hours 500 hours
1000
hours
2000
hours
Mechanical Testing
Parameter
Test Method
Mechanical Shock
Drop from 75cm to hardwood surface – 3 times
Mechanical Vibration
10~55Hz, 1.5mm amplitude, 1 Minute Sweep
2 Hours each in 3 Directions (X, Y, Z)
High Temperature Burn-in
Under Power @ 125°C for 2000 Hours (results below)
Hermetic Seal
He pressure: 4 ±1 kgf / cm
2 2 Hour soak
2,000 Hour Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com