Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-PC72 Datasheet(PDF) 8 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 8 Page - Fox Electronics

Back Button FVXO-PC72 Datasheet HTML 4Page - Fox Electronics FVXO-PC72 Datasheet HTML 5Page - Fox Electronics FVXO-PC72 Datasheet HTML 6Page - Fox Electronics FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics FVXO-PC72 Datasheet HTML 10Page - Fox Electronics FVXO-PC72 Datasheet HTML 11Page - Fox Electronics FVXO-PC72 Datasheet HTML 12Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FVXO-PC72 Series
Page 8 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
An additional identification code is contained internally if tracking should ever be necessary
Tape and Reel Dimensions
Labeling
(Reels and smaller packaging are labeled with the below)
Ø1.5mm
4.0mm
8.0mm
7.5mm
16mm
2.15mm
2.0
255.0
17.5
80.0
2.0
Ø13.0
Ø21.0
120°
Ø21.0
Ø13.0
17.5
2.0
178.0
62.0
2.0
2.0
2k Reel Dimensions
1k Reel Dimensions
in mm
in mm
• Fox Part Number: 796-900.25-1
• Quantity:
2000 pieces
•
LOT #
24435
If traceability should become necessary
• Description:
FVXO-PC72BR-900.25
• Date Code
0745
(YYWW 2007 45
th wk)
796-900.25-1
FVXO-PC72BR-900.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com