Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW036LT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NJSW036LT
Description  TYPE WHITE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW036LT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NJSW036LT Datasheet HTML 2Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 3Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 4Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 5Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 6Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 7Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 8Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 9Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
-5-
(3) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the forward voltage becomes lower,
or the LEDs do not light at the low current.
Criteria : (VF > 2.0V at IF=0.5mA)
(4) Application Design Considerations
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components.
It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· Please determine the operating current with consideration of the ambient temperature local to the LED
and refer to the plot of Ambient temperature vs. Allowable Forward Current on CHARACTERISTICS
in this specifications. Please also take measures to remove heat from the area near the LED to improve
the operational characteristics of the LED.
· The equation 1 indicates correlation between Tj and Ta, and the equation 2 indicates correlation
between Tj and Ts.
Tj=Ta + Rja W
1
Tj=Ts1 + Rjs1 W
2
Tj = Dice Temperature : °C, Ta = Ambient Temperature : °C,
Ts1 = Solder Temperature (Cathode Side) : °C,
Rja = Heat resistance from Dice to Ambient temperature : °C /W,
Rjs1 = Heat resistance from Dice to Ts1 measuring point ≒ 45°C /W,
W = Inputting Power (IF
VF) : W
Anode
Cathode
Ts1 Point
Nichia STS-DA1-0147
<Cat.No.080319>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com