Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW036LT Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NJSW036LT
Description  TYPE WHITE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW036LT Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NJSW036LT Datasheet HTML 4Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 5Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 6Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 7Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 8Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 9Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 10Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 11Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-7-
(5) Handling Precautions
· Bare Hand
When handling the product, touching encapsulant with bare hands will contaminate its surface that could
affects on optical characteristics.
In the worst cases, excessive force to the encapsulant by hands might
result in catastrophic failure of the LEDs due to wire deformation and/or breakage.
· Tweezers
When handling it with tweezers, the product should only be held by the ceramics body, not by the
encapsulant.
Failure to comply might result in chip-out and/or delamination of encapsulant, and in the
worst cases, catastrophic failure of the LEDs due to wire deformation and/or breakage.
· Pick and Place
The use of appropriate nozzle for this product is recommended.
(For the recommended nozzle size, refer to the figure at right.)
Avoid direct contact to the resin lens with the picking up nozzle.
Failure to comply might result in catastrophic failure of the LEDs
due to wire deformation and/or breakage.
· Printed Circuit Board Assembled (PCB with LEDs soldered)
Do not stack assembled PCBs together.
Since silicone is a soft material, abrasion between two PCB
assembled with silicone encapsulated LED might cause catastrophic failure of the LEDs due to damage
to encapsulant (such as scratch, chip-out and delamination) and wire (such as deformation and breakage)
and LED detachment.
3
3.8
(Unit : mm)
Nichia STS-DA1-0147
<Cat.No.080319>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com