Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW036LT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NJSW036LT
Description  TYPE WHITE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW036LT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NJSW036LT Datasheet HTML 1Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 2Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 3Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 4Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 5Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 6Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 7Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 8Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
-2-
Rank c1
Rank c2
x
0.330
0.330
0.361
0.357
x
0.330
0.330
0.357
0.356
y
0.339
0.360
0.385
0.361
y
0.318
0.339
0.361
0.351
Color Coordinates Measurement allowance is ± 0.01.
Basically, a shipment shall consist of the LEDs of a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.
(4) Correspondence table of Luminous Flux – Luminous Intensity (Reference)
φV (lm)
IV (cd)
85.6
(58.4)
72.0
(49.4)
60.5
(41.9)
51.0
(35.6)
42.8
(30.2)
2.INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to “CHARACTERISTICS” on the following pages.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to “OUTLINE DIMENSIONS” on the following page.
Material as follows ;
4.PACKAGING
· The LEDs are packed in cardboard boxes after taping.
Please refer to “TAPING DIMENSIONS” and “PACKING ”on the following pages.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
- Year
( 7 for 2007 8 for 2008 )
- Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov. )
- Nichia's Product Number
- Ranking by Color Coordinates
- Ranking by Luminous Flux
Package
Encapsulating Resin
Electrodes
Lens
:
:
:
:
Ceramics
Silicone Resin (with Diffused + Phosphor)
Au Plating
Silicone Resin
Nichia STS-DA1-0147
<Cat.No.080319>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com