Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW036LT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NJSW036LT
Description  TYPE WHITE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW036LT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NJSW036LT Datasheet HTML 8Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 9Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 10Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 11Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 12Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 13Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 14Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 15Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 16Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
100mA
900mA
20mA
350mA
450mA
0°C
25°C
50°C
85°C
-40°C
100°C
1.0
0.5
0
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IFP=350mA
x
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
IFP=350mA
Ta=25°C
0°
30°
0.5
90°
60°
1.0
Ta=25°C
IFP=350mA
350
550
650
750
450
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
1.2
1.0
0.8
0.4
0.2
0
0.6
Model
NJSW036L
NICHIA CORPORATION Title
No.
080311811621
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com