Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW036LT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NJSW036LT
Description  TYPE WHITE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW036LT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NJSW036LT Datasheet HTML 1Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 2Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 3Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 4Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 5Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 6Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 7Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 8Page - NICHIA CORPORATION NJSW036LT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
-1-
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ts=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
450
mA
Pulse Forward Current
IFP
900
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
1.8
W
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
150
°C
Soldering Temperature
Tsld
Reflow Soldering : 260°C
for 10sec.
Hand Soldering : 350°C
for 3sec.
IFP Conditions : Pulse Width ≤ 10msec. and Duty ≤ 1/10
(2) Initial Electrical/Optical Characteristics
(Ts=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=350[mA]
(3.6)
4.0
V
Luminous Flux
φv
IF=350[mA]
(62.0)
-
lm
x
-
IF=350[mA]
0.31
-
-
Chromaticity Coordinate
y
-
IF=350[mA]
0.32
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ts=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank P16
72.0
85.6
Rank P15
60.5
72.0
Rank P14
51.0
60.5
Luminous Flux
Rank P13
φv
IF=350[mA]
42.8
51.0
lm
Luminous Intensity Measurement allowance is ± 7%.
Color Ranks
(IF=350mA,Ts=25°C)
Rank a0
x
0.280
0.264
0.283
0.296
y
0.248
0.267
0.305
0.276
Rank b3
Rank b4
x
0.287
0.283
0.304
0.307
x
0.307
0.304
0.330
0.330
y
0.295
0.305
0.330
0.315
y
0.315
0.330
0.360
0.339
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
Nichia STS-DA1-0147
<Cat.No.080319>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com