Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz 50 dB TruPwr Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD8363
Preliminary Technical Data
Rev. PrB| Page 6 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
VTGT
11
VREF
10
VPOS
9
COMM
1
TCM2
2
CHPF
3
VPOS
4
COMM
13
NCON
8
TEMP
14
INHI
7
VSET
15
INLO
6
VOUT
16
TCM1
5
CLPF
AD8363
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
TCM2/PWDN
A dual function pin used for controlling the amount of nonlinear intercept temperature
compensation and/or shutting down the device. This pin can be connected to the
VREF pin through a voltage divider if the shut down function is not used
2
CHPF
Connect to VPOS via a capacitor to determine -3 dB point of the input signal high-pass
filter.
3, 10
VPOS
Supply for the device. Connect to +5 V power supply.
4, 9
COMM
System Common Connection. Connect via low impedance to system common.
5
CLPF
Connection for Loop Filter Integration (Averaging) Capacitor. Connect a ground-
referenced capacitor to this pin. A resistor may be connected in series with this
capacitor to improve loop stability and response time.
6
VOUT
Output pin in Measurement Mode (error Amplifier output). In measurement mode,
normally connected directly to VSET. This pin can be used to drive a gain control when
the device is used in controller mode.
7
VSET
The voltage applied to this pin sets the decibel value of the required RF input voltage
that results in zero current flow in the loop integrating capacitor pin, CLPF.
The controls the VGA gain such that a 50mV change in VSET reduces the gain by
approximately 1dB.
8
TEMP
Temperature Sensor Output.
11
VREF
General-Purpose Reference Voltage Output of 1.16 V.
12
VTGT
Voltage applied to this pin determines the target power at the input of the RF squaring
circuit. The intercept voltage is proportional to the voltage applied to this pin. The use
of a lower target voltage increases the crest factor capacity; however, this may affect
the system loop response.
13
NCON
Not connected.
14
INHI
Single-ended RF input pin. RF input signal is normally AC coupled to this pin through a
coupling capacitor.
15
INLO
Grounded for single ended input
16
TCM1
Connect to VREF through a voltage divider or an external DC source. Is used to adjust
Intercept temperature compensation (3K impedance)
Paddle
Connect via low impedance to system common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com