Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz 50 dB TruPwr Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD8363
Preliminary Technical Data
Rev. PrB| Page 10 of 14
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
Input Amplitude, INHI (dBm)
-2.5
-1.5
-0.5
0.5
1.5
2.5
Figure 21. VOUT Voltage and Log Conformance vs. Input Amplitude at 5.8 GHz,
Typical Device, TCM1 = 0.88 V, TCM2 = 1.0 V, Sine Wave-40C, 25C, 85C
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-60-50
-40-30-20-10
0
10
Pin (dBm)
CW Error
Error 256 QAM
Error QPSK
Figure 22. Error from CW Linear Reference vs. Input Amplitude with Different
Waveforms, 256 QAM, QPSK, Frequency 2140 MHz
-0.50
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Time (in seconds)
P_INHI = 0dbm
P_INHI = -10dbm
P_INHI = -20dbm
P_INHI = -30dbm
P_INHI = -40dbm
Figure 23. Output Response to RF Burst Input for Various RF Input Levels, Carrier
Frequency 2.14 GHz, CLPF = 470 pF, CHPF=220pF
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55-50
-45-40
-35-30
-25
-20
-15-10
-5
Input Amplitude, INHI (dBm)
Figure 24. Distribution of VOUT Voltage and Error over Temperature After
Ambient Normalization vs. Input Amplitude for at Least 37 Devices from
Multiple Lots, Frequency = 5.8 GHz, TCM1 = 0.88 V, TCM2 = 1.0 V, Sine Wave-
40C, 25C, 85C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
Input Amplitude, INHI (dBm)
Figure 25. Distribution of Error over Temperature After Ambient Normalization
vs. Input Amplitude, with reference to 25C, for at Least 37 Devices from Multiple
Lots, Frequency = 5.8 GHz, TCM1 = 0.88 V, TCM2 = 1.0 V, Sine Wave-40C, 25C,
85C
-1.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
Time (in Seconds)
-16.00
-13.00
-10.00
-7.00
-4.00
-1.00
2.00
5.00
8.00
P_INHI = 0dbm
P_INHI = -10dbm
P_INHI = -20dbm
P_INHI = -30dbm
P_INHI = -40dbm
P_INHI = -50dbm
Pulse on TCM2 (pin1)
TCM2 Low
TCM2 High
Figure 26. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency 2.14 GHz, CLPF= 470pF, CHPF = 220pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com