Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz 50 dB TruPwr Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD8363ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AD8363
Preliminary Technical Data
Rev. PrB| Page 2 of 14
SPECIFICATIONS
Pins 3, 10 - VPOS = VS = 5 V, T = 25°C, ZO = 50 Ω, Single ended input drive, VOUT tied to VSET, VTGT = 1.4, CLPF= 3.9 nF, CHPF=2.7 nF,
Error referred to best-fit line (linear regression),
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Maximum Input Frequency
6
GHz
RF INPUT INTERFACE
Pins INHI, INLO, ac-coupled
Input Impedance
Single-ended drive
50/TBD
Ω/pF
Common Mode Voltage
2.7
V
100 MHz
Pin 16 - TCM1=0.47V, Pin 1 - TCM2= 1.0V
Output Voltage: High Power in
PIN = -10 dBm
2.48
V
Output Voltage: Low Power in
PIN = -40 dBm
0.93
V
±1.0 dB Dynamic Range
CW input, TA = +25°C
62
dB
Maximum Input Level, ±1.0 dB
8
Minimum Input Level, ±1.0 dB
-54
Deviation vs. Temperature
Deviation from output at 25°C
-40°C < TA < +85°C; PIN = -10 dBm
±0.5
dB
-40°C < TA < +85°C; PIN = -40 dBm
±0.6
dB
Logarithmic Slope
51.8
mV/dB
Logarithmic Intercept
-58
dBm
Deviation from CW Response
13 dB peak-to-rms ratio (WCDMA), over 40 dB dynamic range
±0.1
dB
12 dB peak-to-rms ratio (WiMAX), over 40 dB dynamic range
±0.1
dB
14.0 dB peak-to-rms ratio (16C CDMA2K), over 40 dB dynamic range
±0.1
dB
256 QAM CF=8
±0.1
dB
Input Impedance
Single-ended drive
50/TBD
Ω/pF
900 MHz
TCM1= 0.48V, TCM2= 1.2V
Output Voltage: High Power in
PIN = -10 dBm
2.5
V
Output Voltage: Low Power in
PIN = -40 dBm
0.91
V
±1.0 dB Dynamic Range
CW input, TA = +25°C
52
dB
Maximum Input Level, ±1.0 dB
-2
Minimum Input Level, ±1.0 dB
-54
Deviation vs. Temperature
Deviation from output at 25°C
-40°C < TA < +85°C; PIN = -10 dBm
± 0.5
dB
-40°C < TA < +85°C; PIN = -40 dBm
± 0.7
dB
Logarithmic Slope
51.9
mV/dB
Logarithmic Intercept
-57.5
dBm
Deviation from CW Response
13 dB peak-to-rms ratio (WCDMA), over 40 dB dynamic range
±0.1
dB
12 dB peak-to-rms ratio (WiMAX), over 40 dB dynamic range
±0.1
dB
14.0 dB peak-to-rms ratio (16C CDMA2K), over 40 dB dynamic range
±0.1
dB
256 QAM CF=8
±0.1
dB
Input Impedance
Single-ended drive
50/TBD
Ω/pF
1900 MHz
TCM1=0.51V, TCM2= 0.51V
Output Voltage: High Power in
PIN = -10 dBm
2.38
V
Output Voltage: Low Power in
PIN = -40 dBm
0.8
V
±1.0 dB Dynamic Range
CW input, TA = +25°C
42
dB
Maximum Input Level, ±1.0 dB
-10
Minimum Input Level, ±1.0 dB
-52
Deviation vs. Temperature
Deviation from output at 25°C
-40°C < TA < +85°C; PIN = -10 dBm
± 0.5
dB
-40°C < TA < +85°C; PIN = -40 dBm
± 0.6
dB
Logarithmic Slope
52
mV/dB
Logarithmic Intercept
-55
dBm
Deviation from CW Response
13 dB peak-to-rms ratio (WCDMA), over 40 dB dynamic range
±0.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com