Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz 50 dB TruPwr Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AD8363
Preliminary Technical Data
Rev. PrB| Page 8 of 14
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-60-50-40-30-20-10
0
Input Amplitude, INHI (dBm)
Figure 9. VOUT Voltage and Log Conformance vs. Input Amplitude at 1.90 GHz,
Typical Device, TCM1 = 0.51 V, TCM2 = 0.51 V, Sine Wave, -40C, 25C, 85C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-60
-50
-40
-30
-20
-10
0
10
Input Amplitude, INHI (dBm)
Figure 10. VOUT Voltage and Log Conformance vs. Input Amplitude at 2.14 GHz,
Typical Device, TCM1 = 0.49 V, TCM2 = 1.2 V, Sine Wave, -40C, 25C, 85C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-60
-50
-40
-30
-20
-10
0
10
Input Amplitude, INHI (dBm)
Figure 11. Distribution of VOUT Voltage and Error over Temperature After
Ambient Normalization vs. Input Amplitude for at Least 18Devices from
Multiple Lots, Frequency = 2.14 GHz, TCM1 = 0.49 V, TCM2 = 1.2 V, Sine Wave-
40C, 25C, 85C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-60-50-40-30-20-10
0
Input Amplitude, INHI (dBm)
Figure 12. Distribution of VOUT Voltage and Error over Temperature After
Ambient Normalization vs. Input Amplitude for at Least 18Devices from
Multiple Lots, Frequency = 1.9 GHz, TCM1 = 0.51 V, TCM2 = 0.51 V, Sine Wave-
40C, 25C, 85C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-60
-50
-40
-30
-20
-10
0
Input Amplitude, INHI (dBm)
Figure 13. Distribution of Error over Temperature After Ambient Normalization
vs. Input Amplitude, with reference to 25C, for at Least 18 Devices from Multiple
Lots, Frequency = 1.9 GHz, TCM1 = 0.51 V, TCM2 = 0.51 V, Sine Wave-40C, 25C,
85C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-60
-50
-40
-30
-20
-10
0
10
Input Amplitude, INHI (dBm)
Figure 14. Distribution of Error over Temperature After Ambient Normalization
vs. Input Amplitude, with reference to 25C, for at Least 18 Devices from Multiple
Lots, Frequency = 2.14 GHz, TCM1 = 0.49 V, TCM2 = 1.2 V, Sine Wave-40C, 25C,
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com