Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz 50 dB TruPwr Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AD8363
Preliminary Technical Data
Rev. PrB | Page 12 of 14
EVALUATION BOARD
AGND C
AGND C
0
R040 2
AGND C
0. 1UF
C040 2
R040 2
AGND C
AGND C
AGND C
AGND C
AGND C
R040 2
R040 2
C040 2
C040 2
TESTLOO P
BLACK
TESTLOO P
BLACK
0
R040 2
TESTLOO P
WHI TE
C040 2
C040 2
C040 2
R040 2
C040 2
TESTLOO P
RED
AGND C
AGND C
AGND C
AGND C
C040 2
AGND C
R040 2
R040 2
TESTLOO P
RED
0. 1UF
C040 2
AGND C
0
R040 2
TESTLOO P
VI OLET
R040 2
R040 2
AGND C
TESTLOO P
YELLOW
AD8363
16CSP4X4
CLPF
INHI
INLO
NC1
TCM1
TEMP
VOUT
VSET
AGND C
IN
R15
0
R040 2
VOUTP
12
11
9
13
4
10
2
DUT1
Paddl e
AGND
VPOSC
VOUT
R040 2
OPEN
R18
VREFC
OPEN
R17
R1
0
VSET
R5
R040 2
0
R14
C7
VPOS2
R8
0
R040 2
845
R10
R11
1. 4K
C10
0. 1UF
TC2_PWD
N
ORANGE
TESTLOO P
VREF
ORANGE
TESTLOO P
TESTLOO P
ORANGE
VTGT
VPOS1
VREFC
C3
2700PF
R7
0
0. 1uF
C9
C8
OPEN
OPEN
C6
TEMP
R6
GND
GND1
100PF
C4
C5
100PF
OPEN
R9
R12
OPEN
VREFC
VPOSC
OPEN
R13
C13
R16
TC1
R040 2
OPEN
R2
ORANGE
TESTLOO P
AGND C
Fig 27 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com