Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6402 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT6402
Description  Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6402 Datasheet(HTML) 5 Page - Analog Devices

  ADT6402 Datasheet HTML 1Page - Analog Devices ADT6402 Datasheet HTML 2Page - Analog Devices ADT6402 Datasheet HTML 3Page - Analog Devices ADT6402 Datasheet HTML 4Page - Analog Devices ADT6402 Datasheet HTML 5Page - Analog Devices ADT6402 Datasheet HTML 6Page - Analog Devices ADT6402 Datasheet HTML 7Page - Analog Devices ADT6402 Datasheet HTML 8Page - Analog Devices ADT6402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADT6401/ADT6402
Rev. 0 | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
S2 1
S1 2
S0 3
TOVER/TUNDER
6
GND
5
VCC
4
ADT6401
TOP VIEW
(Not to Scale)
Figure 3. ADT6401 Pin Configuration
S2 1
S1 2
S0 3
TOVER/TUNDER
6
GND
5
VCC
4
ADT6402
TOP VIEW
(Not to Scale)
Figure 4. ADT6402 Pin Configuration
Table 3. Pin Function Descriptions
Pin Number
ADT6401
ADT6402
Mnemonic
Description
1
1
S2
Select Pin for Trip Point and Hysteresis Values.
2
2
S1
Select Pin for Trip Point and Hysteresis Values.
3
3
S0
Select Pin for Trip Point and Hysteresis Values.
4
4
VCC
Supply Input (2.7 V to 5.5 V).
5
5
GND
Ground.
6
N/A
TOVER/TUNDER
Open-Drain, Active Low Output. Pull-up resistor required. This pin goes low when
the temperature of the part exceeds the pin-selectable threshold.
N/A
6
TOVER/TUNDER
Push-Pull, Active High Output. This pin goes high when the temperature of the part
exceeds the pin-selectable threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com