Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6402 Datasheet(PDF) 8 Page - Analog Devices

Part # ADT6402
Description  Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6402 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT6402 Datasheet HTML 4Page - Analog Devices ADT6402 Datasheet HTML 5Page - Analog Devices ADT6402 Datasheet HTML 6Page - Analog Devices ADT6402 Datasheet HTML 7Page - Analog Devices ADT6402 Datasheet HTML 8Page - Analog Devices ADT6402 Datasheet HTML 9Page - Analog Devices ADT6402 Datasheet HTML 10Page - Analog Devices ADT6402 Datasheet HTML 11Page - Analog Devices ADT6402 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADT6401/ADT6402
Rev. 0 | Page 8 of 12
TYPICAL APPLICATION CIRCUITS
VCC
S2
GND
TRIP POINT = 95°C
HYSTERESIS = 2°C
INT
TOVER
ADT6401
VCC
MICROPROCESSOR
GND
S1
S0
0.1µF
100kΩ
3.3V
Figure 15. Microprocessor Alarm
VCC
GND
TOVER
ADT6402
0.1µF
3.3V
12V
S2
S1
S0
TRIP POINT = 65°C
HYSTERESIS = 10°C
Figure 16. Overtemperature Fan Control
VCC
GND
TUNDER
ADT6402
0.1µF
VCC
GND
TOVER
ADT6402
0.1µF
3.3V
OVER TEMPERATURE
UNDER TEMPERATURE
OUT OF RANGE
S2
S1
S0
S2
S1
S0
TRIP POINT = +105°C
HYSTERESIS = +2°C
TRIP POINT = –35°C
HYSTERESIS = +2°C
Figure 17. Temperature Window Alarms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com