Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6402 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT6402
Description  Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6402 Datasheet(HTML) 1 Page - Analog Devices

  ADT6402 Datasheet HTML 1Page - Analog Devices ADT6402 Datasheet HTML 2Page - Analog Devices ADT6402 Datasheet HTML 3Page - Analog Devices ADT6402 Datasheet HTML 4Page - Analog Devices ADT6402 Datasheet HTML 5Page - Analog Devices ADT6402 Datasheet HTML 6Page - Analog Devices ADT6402 Datasheet HTML 7Page - Analog Devices ADT6402 Datasheet HTML 8Page - Analog Devices ADT6402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost, 2.7 V to 5.5 V, Pin-Selectable
Temperature Switches in SOT-23
ADT6401/ADT6402
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
±0.5°C (typical) threshold accuracy
Pin-selectable trip points from
−45°C to +5°C in 10°C increments (undertemperature)
45°C to 115°C in 10°C increments (overtemperature)
Maximum operating temperature of 125°C
Open-drain output (ADT6401)
Push-pull output (ADT6402)
Pin-selectable hysteresis of 2°C and 10°C
Supply current of 30 μA (typical)
Space-saving, 6-lead SOT-23 package
APPLICATIONS
Medical equipment
Automotive
Cell phones
Hard disk drives
Personal computers
Electronic test equipment
Domestic appliances
Process control
FUNCTIONAL BLOCK DIAGRAM
2ºC/10ºC
VCC
4
GND
5
TOVER/TUNDER
6
TRIP POINT AND
HYSTERESIS
DECODING
ADT6401
COMPARATOR
Σ-Δ
TEMPERATURE-TO-
DIGITAL CONVERTER
S2 1
S1 2
S0 3
Figure 1.
GENERAL DESCRIPTION
The ADT6401/ADT6402 are trip point temperature switches
available in a 6-lead SOT-23 package. Each part contains an
internal band gap temperature sensor for local temperature
sensing. When the temperature crosses the trip point setting,
the logic output is activated. The ADT6401 logic output is
active low and open-drain. The ADT6402 logic output is active
high and push-pull. The temperature is digitized to a resolution
of 0.125°C (11-bit). The pin-selectable trip point settings are
10°C apart starting from −45°C to +5°C for undertemperature
switching, and from 45°C to 115°C for overtemperature
switching.
These devices typically consume 30 μA of supply current. Hystere-
sis is pin selectable at 2°C and 10°C. The temperature switch is
specified to operate over the supply range of 2.7 V to 5.5 V.
When the ADT6401/ADT6402 are used for monitoring tempera-
tures from 45°C to 115°C, the logic output pin becomes active
when the temperature goes higher than the selected trip point
temperature.
When the ADT6401/ADT6402 are used for monitoring tempera-
tures from −45°C to +5°C, the logic output pin becomes active
when the temperature goes lower than the selected trip point
temperature.
PRODUCT HIGHLIGHTS
1.
Σ-Δ based temperature measurement gives high accuracy
and noise immunity.
2.
Wide operating temperature range from −55°C to +125°C.
3.
±0.5°C typical accuracy from −45°C to +115°C.
4.
Pin-selectable threshold settings from −45°C to +115°C in
10°C increments.
5.
Supply voltage is 2.7 V to 5.5 V.
6.
Supply current of 30 μA.
7.
Space-saving, 6-lead SOT-23 package.
8.
Pin-selectable temperature hysteresis of 2°C or 10°C.
9.
Temperature resolution of 0.125°C.


Similar Part No. - ADT6402

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
Constant current offline LED driver IC
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
LED Controller with Active PFC
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
Dimmable CC / CV IC for LED Lighting
ADT6200 ADTECH-ADT6200 Datasheet
307Kb / 6P
AC Direct LED driver IC
More results

Similar Description - ADT6402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502SRJZP085RL7 AD-ADT6502SRJZP085RL7 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com