Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6402 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT6402
Description  Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6402 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT6402 Datasheet HTML 4Page - Analog Devices ADT6402 Datasheet HTML 5Page - Analog Devices ADT6402 Datasheet HTML 6Page - Analog Devices ADT6402 Datasheet HTML 7Page - Analog Devices ADT6402 Datasheet HTML 8Page - Analog Devices ADT6402 Datasheet HTML 9Page - Analog Devices ADT6402 Datasheet HTML 10Page - Analog Devices ADT6402 Datasheet HTML 11Page - Analog Devices ADT6402 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADT6401/ADT6402
Rev. 0 | Page 10 of 12
Hysteresis
A hysteresis value of 2°C or 10°C can be selected. The digital
comparator ensures excellent accuracy for the hysteresis value.
Hysteresis prevents oscillation on the output pin when the
temperature is approaching the trip point and after the output
pin is activated. For example, if the temperature trip is 45°C and
the hysteresis selected is 10°C, the temperature must go as low
as 35°C before the output deactivates.
TEMPERATURE CONVERSION
The conversion clock for the part is generated internally. No
external clock is required. The internal clock oscillator runs an
automatic conversion sequence. During this automatic conversion
sequence, a conversion is initiated every 600 ms. At this time, the
part powers up its analog circuitry and performs a temperature
conversion.
This temperature conversion typically takes 30 ms, after which
the analog circuitry of the part automatically shuts down. The
analog circuitry powers up again 570 ms later, when the 600 ms
timer times out and the next conversion begins. The result of
the most recent temperature conversion is compared with the
factory-set trip point value. If the temperature measured is
greater than the trip point value, the output is activated. The
output is deactivated once the temperature crosses back over
the trip point threshold, plus whatever temperature hysteresis is
selected. Figure 18 to Figure 21 show the transfer function for
the output trip pin of each generic model.
TTH
TEMP
TOVER
V
2°C
HYSTERESIS
10°C
HYSTERESIS
COLD
HOT
Figure 18. ADT6401 TOVER Transfer Function
TTH
TEMP
TOVER
V
2°C
HYSTERESIS
10°C
HYSTERESIS
COLD
HOT
Figure 19. ADT6402 TOVER Transfer Function
TTH
TEMP
TUNDER
V
COLD
HOT
10°C
HYSTERESIS
2°C
HYSTERESIS
Figure 20. ADT6401 TUNDER Transfer Function
TTH
TEMP
V
COLD
HOT
TUNDER
10°C
HYSTERESIS
2°C
HYSTERESIS
Figure 21. ADT6402 TUNDER Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com