Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6402 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT6402
Description  Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6402 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT6402 Datasheet HTML 2Page - Analog Devices ADT6402 Datasheet HTML 3Page - Analog Devices ADT6402 Datasheet HTML 4Page - Analog Devices ADT6402 Datasheet HTML 5Page - Analog Devices ADT6402 Datasheet HTML 6Page - Analog Devices ADT6402 Datasheet HTML 7Page - Analog Devices ADT6402 Datasheet HTML 8Page - Analog Devices ADT6402 Datasheet HTML 9Page - Analog Devices ADT6402 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADT6401/ADT6402
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
35
0
–0.5
TEMPERATURE ACCURACY (°C)
30
25
20
15
10
5
–0.4 –0.3 –0.2 –0.1
0.1
0.2
0.3
0.4
0.5
SAMPLE SIZE = 300
Figure 5. Trip Threshold Accuracy
45
0
TEMPERATURE (°C)
40
35
30
25
20
15
10
5
–60
–40
–20
0
20
40
60
80
100
120
140
3.3V
5V
Figure 6. Operating Supply Current vs. Temperature
180
0
–80 –60 –40 –20
0
20
40
60
80
100 120
TEMPERATURE (°C)
160
140
120
100
80
60
40
20
140
5.5V
3.3V
2.7V
Figure 7. ADT6402 Output Source Resistance vs. Temperature
–80 –60 –40 –20
0
20
40
60
80
100 120 140
80
0
TEMPERATURE (°C)
5.5V
3.3V
2.7V
70
60
50
40
30
20
10
Figure 8. Output Sink Resistance vs. Temperature
120
0
TIME (s)
0
12.8
100
80
60
40
20
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
8.8
9.6
10.4
11.2
12.0
Figure 9. Thermal Step Response in Perfluorinated Fluid
140
0
TIME (s)
0
120
100
80
60
40
20
3.6
7.2
10.8
14.4
18.0
21.6
25.2
28.8
32.4
36.0
39.6
43.2
46.8
50.4
54.0
57.6
61.2
Figure 10. Thermal Step Response in Still Air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com