Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 64Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 65Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 66Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 67Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 68Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 69Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 70Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 71Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 159 page
background image
68
AT89C51ID2
4289A–8051–09/03
Table 50. IPH0 Register
IPH0 - Interrupt Priority High Register (B7h)
Reset Value = X000 0000b
Not bit addressable
7654
3210
-
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6PPCH
PCA interrupt Priority high bit.
PPCHPPCLPriority Level
0
0Lowest
01
10
1
1Highest
5PT2H
Timer 2 overflow interrupt Priority High bit
PT2HPT2LPriority Level
0
0Lowest
01
10
1
1Highest
4PSH
Serial port Priority High bit
PSH PSLPriority Level
0
0Lowest
0
1
1
0
1
1Highest
3PT1H
Timer 1 overflow interrupt Priority High bit
PT1HPT1L Priority Level
0
0 Lowest
01
10
11Highest
2PX1H
External interrupt 1 Priority High bit
PX1HPX1LPriority Level
0
0Lowest
01
10
1
1Highest
1PT0H
Timer 0 overflow interrupt Priority High bit
PT0HPT0LPriority Level
0
0Lowest
0
1
10
1
1Highest
0PX0H
External interrupt 0 Priority High bit
PX0H PX0LPriority Level
0
0Lowest
01
10
1
1Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com