Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
13
AT89C51ID2
4289A–8051–09/03
I/O
CEX4: Capture/Compare External I/O for PCA module 4
I/O
MOSI: SPI Master Output Slave Input line
When SPI is in master mode, MOSI outputs data to the slave peripheral.
When SPI is in slave mode, MOSI receives data from the master controller.
XTALA1
21
15
49
38
I
Crystal A 1: Input to the inverting oscillator amplifier and input to the inter-
nal clock generator circuits.
XTALA2
20
14
48
37
O
Crystal A 2: Output from the inverting oscillator amplifier
XTALB1
2
40
10
19
I
Crystal B 1: (Sub Clock) Input to the inverting oscillator amplifier and input
to the internal clock generator circuits.
XTALB2
1
39
9
18
O
Crystal B 2: (Sub Clock) Output from the inverting oscillator amplifier
P2.0 - P2.7
24 - 31
18 - 25
54, 55,
56, 58,
59, 61,
64, 65
43, 44,
45, 47,
48, 50,
53, 54
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 2 pins that are externally pulled
low will source current because of the internal pull-ups. Port 2 emits the
high-order address byte during fetches from external program memory and
during accesses to external data memory that use 16-bit addresses (MOVX
@DPTR).In this application, it uses strong internal pull-ups emitting 1s.
During accesses to external data memory that use 8-bit addresses (MOVX
@Ri), port 2 emits the contents of the P2 SFR.
P3.0 - P3.7
11,
13 - 19
5,
7 - 13
34, 39,
40, 41,
42, 43,
45, 47
25, 28,
29, 30,
31, 32,
34, 36
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 3 pins that are externally pulled
low will source current because of the internal pull-ups. Port 3 also serves
the special features of the 80C51 family, as listed below.
11
5
34
25
I
RXD (P3.0): Serial input port
13
7
39
28
O
TXD (P3.1): Serial output port
14
8
40
29
I
INT0 (P3.2): External interrupt 0
15
9
41
30
I
INT1 (P3.3): External interrupt 1
16
10
42
31
I
T0 (P3.4): Timer 0 external input
17
11
43
32
I
T1 (P3.5): Timer 1 external input
18
12
45
34
O
WR (P3.6): External data memory write strobe
19
13
47
36
O
RD (P3.7): External data memory read strobe
P4.0 - P4.7
--
20, 24,
26, 44,
46, 50,
53, 57
11, 15,
17,33,
35,39,
42, 46
I/O
Port 4: Port 4 is an 8-bit bidirectional I/O port with internal pull-ups. Port 5
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 4 pins that are externally pulled
low will source current because of the internal pull-ups.
P5.0 - P5.7
--
60, 62,
63, 7, 8,
10, 13,
16
49, 51,
52, 62,
63, 1, 4,
7
I/O
Port 5: Port 5 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 5 pins that are externally pulled
low will source current because of the internal pull-ups.
Table 14. Pin Description (Continued)
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44
PLCC68
VQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com