Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 159 page
background image
14
AT89C51ID2
4289A–8051–09/03
PI2.0 - PI2.1
34, 12
28, 6
1, 36
57, 26
Port I2: Port I2 is an open drain. It can be used as inputs (must be polar-
ized to Vcc with external resistor to prevent any parasitic current consump-
tion).
34
28
1
57
I/O
SCL (PI2.0): 2-wire Serial Clock
SCL output the serial clock to slave peripherals
SCL input the serial clock from master
12
6
36
26
I/O
SDA (PI2.1): 2-wire Serial Data
SDA is the bidirectional 2-wire data line
RST
10
4
30
21
I
Reset: A high on this pin for two machine cycles while the oscillator is run-
ning, resets the device. An internal diffused resistor to V
SS permits a power-
on reset using only an external capacitor to VCC. This pin is an output when
the hardware watchdog forces a system reset.
ALE/PROG
33
27
68
56
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low
byte of the address during an access to external memory. In normal opera-
tion, ALE is emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator
frequency, and can be used for external timing or clocking. Note that one
ALE pulse is skipped during each access to external data memory. This pin
is also the program pulse input (PROG) during Flash programming. ALE
can be disabled by setting SFR’s AUXR.0 bit. With this bit set, ALE will be
inactive during internal fetches.
PSEN
32
26
67
55
O
Program Strobe ENable: The read strobe to external program memory.
When executing code from the external program memory, PSEN is acti-
vated twice each machine cycle, except that two PSEN activations are
skipped during each access to external data memory. PSEN is not acti-
vated during fetches from internal program memory.
EA
35
29
2
58
I
External Access Enable: EA must be externally held low to enable the
device to fetch code from external program memory locations 0000H to
FFFFH. If security level 1 is programmed, EA will be internally latched on
Reset.
Table 14. Pin Description (Continued)
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44
PLCC68
VQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com