Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 21Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 159 page
background image
18
AT89C51ID2
4289A–8051–09/03
Functional Block
Diagram
Figure 2. Functional Oscillator Block Diagram
Operating Modes
Reset
A hardware RESET puts the Clock generator in the following state:
The selected oscillator depends on OSC bit in Hardware Security Byte (HSB).
HSB.OSC = 1 (Oscillator A selected)
•
OscAEn = 1 & OscBEn = 0: OscA is running, OscB is stopped.
•
CKS = 1: OscA is selected for CPU.
HSB.OSC = 0 (Oscillator B selected)
•
OscAEn = 0 & OscBEn = 1: OscB is running, OscA is stopped.
•
CKS = 0: OscB is selected for CPU.
Functional Modes
Normal Modes
•
CPU and Peripherals clock depend on the software selection using CKCON0,
CKCON1 and CKRL registers
•
CKS bit in CKSEL register selects either OscA or OscB
•
CKRL register determines the frequency of the OscA clock.
XtalA2
XtalA1
XtalB1
XtalB2
OscBEn
OscB
OscA
CLK
CLK
Idle
CPU clock
OscAEn
CKS
CKRL
Reload
8-bit
Prescaler-Divider
Reset
Peripheral Clock
1
0
:128
Sub
Clock
:2
X2
0
1
FOSCA
PERIPH
CPU
FOSCB
OSCCON
OSCCON
CKCON0
CKSEL
PwdOscA
PwdOscB
CKRL=0xFF?
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com