Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 159 page
background image
16
AT89C51ID2
4289A–8051–09/03
Table 16. OSCCON Register
OSCCON- Oscillator Control Register (86h)
Reset Value = XXXX X0’HSB.OSC’’HSB.OSC’b (see Hardware Security Byte (HSB))
Not bit addressable
Table 17. CKRL Register
CKRL - Clock Reload Register
Reset Value = 1111 1111b
Not bit addressable
7654
3210
-----
SCLKT0
OscBEn
OscAEn
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
6-
Reserved
5-
Reserved
4-
Reserved
3-
Reserved
2SCLKT0
Sub Clock Timer0
Cleared by software to select T0 pin
Set by software to select T0 Sub Clock
Cleared by hardware after a Power Up
1
OscBEn
OscB enable bit
Set by software to run OscB
Cleared by software to stop OscB
Programmed by hardware after a Power-up regarding HSB.OSC (Default
cleared, OSCB stopped)
0
OscAEn
OscA enable bit
Set by software to run OscA
Cleared by software to stop OscA
Programmed by hardware after a Power-up regarding HSB.OSC(Default Set,
OSCA runs)
7654
3210
--------
Bit
Number
Mnemonic
Description
7:0
CKRL
Clock Reload Register:
Prescaler value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com