Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 159 page
background image
110
AT89C51ID2
4289A–8051–09/03
ONCE(TM) Mode (ON
Chip Emulation)
The ONCE mode facilitates testing and debugging of systems using AT89C51ID2 with-
out removing the circuit from the board. The ONCE mode is invoked by driving certain
pins of the AT89C51ID2; the following sequence must be exercised:
•
Pull ALE low while the device is in reset (RST high) and PSEN is high.
•
Hold ALE low as RST is deactivated.
While the AT89C51ID2 is in ONCE mode, an emulator or test CPU can be used to drive
the circuit Table 83 shows the status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 83. External Pin Status during ONCE Mode
(a) "Once" is a registered trademark of Intel Corporation.
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
Port I2
XTALA1/2
XTALB1/2
Weak
pull-up
Weak
pull-up
Float
Weak
pull-up
Weak
pull-up
Weak
pull-up
Float
Active
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com