Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 139Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 140Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 141Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 142Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 143Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 144Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 145Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 146Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 159 page
background image
143
AT89C51ID2
4289A–8051–09/03
Table 98, Table 99 and Table 105 give the frequency derating formula of the AC param-
eter for each speed range description. To calculate each AC symbols. take the x value
in the correponding column (-M or -L) and use this value in the formula.
Example: T
LLIU for -M and 20 MHz, Standard clock.
x = 35 ns
T 50 ns
T
CCIV = 4T - x = 165 ns
External Program Memory
Characteristics
Table 97. Symbol Description
Table 98. AC Parameters for a Fix Clock
Symbol
Parameter
T
Oscillator clock period
T
LHLL
ALE pulse width
T
AVLL
Address Valid to ALE
T
LLAX
Address Hold After ALE
T
LLIV
ALE to Valid Instruction In
T
LLPL
ALE to PSEN
T
PLPH
PSEN Pulse Width
T
PLIV
PSEN to Valid Instruction In
T
PXIX
Input Instruction Hold After PSEN
T
PXIZ
Input Instruction Float After PSEN
T
AVIV
Address to Valid Instruction In
T
PLAZ
PSEN Low to Address Float
Symbol
-M
-L
Units
Min
Max
Min
Max
T25
25
ns
T
LHLL
35
35
ns
T
AVLL
55
ns
T
LLAX
55
ns
T
LLIV
n 65
65
ns
T
LLPL
55
ns
T
PLPH
50
50
ns
T
PLIV
30
30
ns
T
PXIX
00
ns
T
PXIZ
10
10
ns
T
AVIV
80
80
ns
T
PLAZ
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com