Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 35Page - Analog Devices ADE7566 Datasheet HTML 36Page - Analog Devices ADE7566 Datasheet HTML 37Page - Analog Devices ADE7566 Datasheet HTML 38Page - Analog Devices ADE7566 Datasheet HTML 39Page - Analog Devices ADE7566 Datasheet HTML 40Page - Analog Devices ADE7566 Datasheet HTML 41Page - Analog Devices ADE7566 Datasheet HTML 42Page - Analog Devices ADE7566 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 39 of 148
1
PER_FREQ register holds a frequency measurement
0
Reserved
1
This bit should be kept to one
Table 31. WAVMODE register (0x0D)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-5
WAV2SEL[2:0]
0
Waveform 2 selection for samples mode
WAV2SEL[2:0]
Source
000
Current
001
Voltage
010
Active Power multiplier output
011
Reactive Power multiplier output6
100
VA multiplier output
101
IRMS LPF output
others
Reserved
4-2
WAV1SEL[2:]
0
Waveform 1 selection for samples mode
WAV1SEL[2:0]
Source
000
Current
001
Voltage
010
Active Power multiplier output
011
Reactive Power multiplier output1
100
VA multiplier output
101
IRMS LPF output (low 24-bit)
others
Reserved
1-0
DTRT[1:0]
0
Waveform samples output data rate
DTRT[1:0]
Update rate (clock=MCLK/5=819.2kHz)
00
25.6Ksps(clock/32)
01
12.8Ksps(clock/64)
10
6.4Ksps(clock/128)
11
3.2Ksps(clock/256)
Table 32. NLMODE register (0x0E)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
DISVARCMP1
0
Setting this bit disables fundamental VAR gain compensation over line
frequency
6
IRMSNOLOAD
0
Logic one enables IRMS no-load thresold detection. The level is defined by
the setting of the VANOLOADbits.
5-4
VANOLOAD[1:0]
0
Apparent Power No-load threshold
[1:0]
00
No-load detection disabled
01
No-load enabled with threshold = 0.030% of Full scale
10
No-load enabled with threshold = 0.015% of Full scale
11
No-load enabled with threshold = 0.0075% of Full scale
3-2
VARNOLOAD[1:0] 1
0
Reactive Power No-load threshold
[1:0]
00
No-load detection disabled
01
No-load enabled with threshold = 0.015% of Full scale
10
No-load enabled with threshold = 0.0075% of Full scale
11
No-load enabled with threshold = 0.0037% of Full scale
1-0
APNOLOAD[1:0]
0
Active Power No-load threshold
6 This function is not available in ADE7566 and ADE7166 products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com