Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 23Page - Analog Devices ADE7566 Datasheet HTML 24Page - Analog Devices ADE7566 Datasheet HTML 25Page - Analog Devices ADE7566 Datasheet HTML 26Page - Analog Devices ADE7566 Datasheet HTML 27Page - Analog Devices ADE7566 Datasheet HTML 28Page - Analog Devices ADE7566 Datasheet HTML 29Page - Analog Devices ADE7566 Datasheet HTML 30Page - Analog Devices ADE7566 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 27 of 148
VSW.
Power supply monitor (PSM) interrupts can be enabled to
indicate when battery switchover occurs and when the VDD
power supply is restored - see the Power Supply Monitor
Interrupt (PSM) section.
Switching from VDD to VBAT
There are three events that can be enabled to switch the internal
power supply, VSW, from VDD to VBAT:
1.
(VDCIN < 1.2 V):
When VDCIN falls below 1.2V VSW
switches from VDD to VBAT. This event is enabled when
the BATTPROG[1:0] bits in the Battery Switchover
Configuration SFR (BATPR, 0xF5) are clear. Setting
this bit will disable switchover based on VDCIN. Battery
switchover on low VDCIN is disabled by default.
2.
(VDD < TBD V):
When VDD falls below TBD V VSW
switches from VDD to VBAT. This event is enabled when
BATTPROG[1] in the Battery Switchover
Configuration SFR (BATPR, 0xF5) is cleared.
3.
Rising edge on BCTRL:
When the battery control
pin, BCTRL, goes high, VSW switches from VDD to VBAT.
This external switchover signal can trigger a
switchover to VBAT at any time. Setting bits
INT1PRG[4:2] to 0bx01 in the Interrupt pins
configuration SFR (INTPR, 0xFF) enables the battery
control pin.
Switching from VBAT to VDD
To switch VSW back from VBAT to VDD all of the events that are
enabled to force battery switchover must be false:
1.
(VDCIN < 1.2 V) and (VDD < TBD V) Enabled:
If the
low VDCIN condition is enabled, VSW switches to VDD
after VDCIN remains above TBD V for TBD seconds
and VDD remains above TBD V for TBD seconds.
2.
(VDD < TBD V) Enabled:
VSW switches back to VDD
after VDD has been above TBD V for TBD seconds.
3.
BCTRL Enabled:
VSW switches back to VDD after
BCTRL is low and number 1 or number 2 are satisfied.
POWER SUPPLY MONITOR INTERRUPT (PSM)
The Power Supply Monitor Interrupt (PSM) alerts the 8052 core
of power supply events. The PSM interrupt is disabled by
default. Setting the EPSM bit in the Interrupt Enable and
Priority 2 SFR (IEIP2, 0xA9) enables the PSM interrupt. The
Power Management Interrupt Enable SFR (IPSME, 0xEC)
controls the events that result in a PSM interrupt. Figure 10 is a
diagram illustrating how the PSM interrupt vector is shared
among the PSM interrupt sources. The PSM interrupt flags are
latched and must be cleared by writing to the flag register.
EPSR
ESAG
EBAT
EBSO
EVDCIN
FPSR
FSAG
FBAT
FBSO
FVDCIN
FPSM
IPSME Addr. 0ECh
IPSMF Addr. 0F8h
ETI
EPSM
ESI
PTI
PSI
IEIP2 Addr. 0A9h
ADEAUTOCLR
EPSR
ESAG
EBAT
EVSW
EBSO
FPSR
FSAG
FBAT
FVSW
FBSO
FPSM
Pending PSM interrupt
EPSM
TRUE?
EVSW
reserved
reserved
reserved
reserved
EADE
: Not involved in PSM Interrupt signal chain
FVSW
EVDCIN
FVDCIN
Figure 10: PSM Interrupt Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com