Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 3Page - Analog Devices ADE7566 Datasheet HTML 4Page - Analog Devices ADE7566 Datasheet HTML 5Page - Analog Devices ADE7566 Datasheet HTML 6Page - Analog Devices ADE7566 Datasheet HTML 7Page - Analog Devices ADE7566 Datasheet HTML 8Page - Analog Devices ADE7566 Datasheet HTML 9Page - Analog Devices ADE7566 Datasheet HTML 10Page - Analog Devices ADE7566 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 7 of 148
ADE75XX/ADE71XX—SPECIFICATIONS
Table 1. (VDD = 3.3 V ± 5%, AGND = DGND = 0 V, On-Chip Reference, XTAL = 32.768kHz, TMIN to TMAX = –40°C to +85°C)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ENERGY METERING
MEASUREMENT ACCURACY1
Phase Error between Channels
(PF = 0.8 Capacitive)
±0.05
°
Phase lead 37°
(PF = 0.5 Inductive)
±0.05
°
Phase lag 60°
Active Energy Measurement Error2
0.1
% of
reading
Over a dynamic range of 1000 to 1 @25C
AC Power Supply Rejection2
VDD = 3.3 V + 100 mV rms/120 Hz
Output Frequency Variation
0.01
%
IP = VP = ±100 mV rms
DC Power Supply Rejection2
VDD = 3.3 V ± 117 mV dc
Output Frequency Variation
0.01
%
IP = VP = ±100 mV rms
Active Energy Measurement Bandwidth1, 2
14
kHz
Reactive Energy Measurement Error2
0.5
% of
reading
Over a dynamic range of 1000 to 1 @25C
VRMS Measurement Error2
0.5
% of
reading
Over a dynamic range of 100 to 1 @25C
VRMS Measurement Bandwidth1, 2
14
kHz
IRMS Measurement Error2
0.5
% of
reading
Over a dynamic range of 1000 to 1 @25C
IRMS Measurement Bandwidth1, 2
14
kHz
ANALOG INPUTS
VP – VN, IA – IN and IB – IN
Maximum Signal Levels
±500
mV peak
Differential input
Input Impedance (DC)
TBD
Bandwidth (–3 dB)1
14
kHz
ADC Offset Error2
1
mV
Gain Error2
Current channel
Range = 0.5 V Full scale
±4
%
Current channel = 0.5V dc
Range = 0.25 V Full scale
±4
%
Current channel = 0.25V dc
Range = 0.125 V Full scale
±4
%
Current channel = 0.125V dc
Voltage channel
±4
%
Voltage channel = 0.5V dc
Gain Error Match2
±3
%
CF1 and CF2 pulse output
Maximum output frequency
21.1
kHz
VP-VN = IAP-IN=500mV peak sine wave
Duty cycle
50
%
If CF1 or CF2 frequency > 5.55Hz
Active High pulse width
90
ms
If CF1 or CF2 frequency < 5.55Hz
FAULT Detection
Fault Detection Threshold
Inactive Input <> Active Input
6.25
%, of
larger
IA or IB active
Input Swap Threshold
Inactive Input <> Active Input
6.25
% of
larger
IA or IB active
Accuracy Fault Mode Operation
IA Active, IB = AGND
0.1
% of
reading
Over a dynamic range of 500 to 1
IB Active, IA = AGND
0.1
% of
reading
Over a dynamic range of 500 to 1
Fault Detection Delay
3
Seconds
Swap Delay
3
Seconds
ANALOG PERIPHERALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com