Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 73 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 69Page - Analog Devices ADE7566 Datasheet HTML 70Page - Analog Devices ADE7566 Datasheet HTML 71Page - Analog Devices ADE7566 Datasheet HTML 72Page - Analog Devices ADE7566 Datasheet HTML 73Page - Analog Devices ADE7566 Datasheet HTML 74Page - Analog Devices ADE7566 Datasheet HTML 75Page - Analog Devices ADE7566 Datasheet HTML 76Page - Analog Devices ADE7566 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 73 of 148
8052 MCU CORE ARCHITECTURE
The ADE75XX/ADE71XX has an 8052 MCU core and uses the
8051 instruction set. Some of the standard 8052 peripherals,
such as the UART, have been enhanced. This section describes
the standard 8052 core and enhancements that have been made
to it in the ADE75XX/ADE71XX.
The special function register (SFR) space is mapped into the
upper 128 bytes of internal data memory space and is accessed
by direct addressing only. It provides an interface between the
CPU and all on-chip peripherals. A block diagram showing the
programming model of the ADE75XX/ADE71XX via the SFR
area is shown in Figure 54.
All registers except the program counter (PC), instruction
register (IR) and the four general-purpose register banks reside
in the SFR area. The SFR registers include control,
configuration, and data registers that provide an interface
between the CPU and all on-chip peripherals.
OTHER ON-CHIP
PERIPHERALS:
SERIAL I/O
WDT
TIMERS
BATTERY ADC
TEMPERATURE ADC
LCD DRIVER
RTC
POWER MANAGEMENT
ENERGY MEASUREMENT
16-kBYTE
ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE PROGRAM/DATA
MEMORY
256 BYTES XRAM
IR
PC
8051
COMPATIBLE
CORE
STACK
REGISTER
BANKS
256 BYTES
GENERAL
PURPOSE
RAM
128-BYTE
SPECIAL
FUNCTION
REGISTER
AREA
Figure 54: ADE75XX/ADE71XX Block Diagram
MCU REGISTERS
The registers used by the MCU are summarized hereafter.
Table 53. 8051 SFRs
SFR
Address
Bit Addressable
Description
A
0xE0
Yes
Accumulator
B
0xF0
Yes
Auxiliary Math register
PSW
0xD0
Yes
Program status word - see Table 54
PCON
0x87
No
Power Control register – see Table 55
DPL
0x82
No
Data pointer LSByte – see Table 56
DPH
0x83
No
Data pointer MSbyte – see Table 57
SP
0x81
No
Stack pointer LSB byte – see Table 58
CFG
0xAF
No
Configuration register – see Table 59
Table 54. Program Status Word SFR (PSW, 0xD0)
Bit Location
Bit Addr.
Bit Name
Description
7
0xD7
CY
Carry Flag. Modified by ADD, ADDC, SUBB, MUL, and DIV instructions.
6
0xD6
AC
Auxiliary Carry Flag. Modified by ADD, and ADDC instructions.
5
0xD5
F0
General-Purpose Flag availble to the user
Register Bank Select Bits.
RS1
RS0
Selected Bank
0
0
0
0
1
1
1
0
2
4-3
0xD4,
0xD3
RS1, RS0
1
1
3
2
0xD2
OV
Overflow Flag. Modified by ADD, ADDC, SUBB, MUL and DIV instructions.
1
0xD1
F1
General-Purpose Flag availble to the user.
0
0xD0
P
Parity Bit. The number of bits set in the Accumulator added to the value of the parity bit
will always be an even number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com