Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 69 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 65Page - Analog Devices ADE7566 Datasheet HTML 66Page - Analog Devices ADE7566 Datasheet HTML 67Page - Analog Devices ADE7566 Datasheet HTML 68Page - Analog Devices ADE7566 Datasheet HTML 69Page - Analog Devices ADE7566 Datasheet HTML 70Page - Analog Devices ADE7566 Datasheet HTML 71Page - Analog Devices ADE7566 Datasheet HTML 72Page - Analog Devices ADE7566 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 69 of 148
1
0
2 minutes
1
1
1 minute
Table 47. Temperature and Voltage ADC Delta SFR (DIFFPROG, 0xF3)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-6
Reserved
0
Reserved
Difference threshold between last temperature measurement interrupting 8052
and new temperature measurement that should interrupt 8052
TEMP_DIFF[2:0]
0
0
0
No Interrupt
0
0
1
1 LSB (
≈ 0.8°C)
0
1
0
2 LSB (
≈ 1.6°C)
0
1
1
3 LSB (
≈ 2.4°C)
1
0
0
4 LSB (
≈ 3.2°C)
1
0
1
5 LSB (
≈ 4.0°C)
1
1
0
6 LSB (
≈ 4.8°C)
5-3
TEMP_DIFF[2:0]
0
1
1
1
Every Temperature measurement
Difference threshold between last external voltage measurement interrupting
8052 and new external voltage measurement that should interrupt 8052
VDCIN_DIFF[2:0]
0
0
0
No Interrupt
0
0
1
1 LSB (≈ 120 mV)
0
1
0
2 LSB (≈ 240 mV)
0
1
1
3 LSB (≈ 360 mV)
1
0
0
4 LSB (≈ 480 mV)
1
0
1
5 LSB (≈ 600 mV)
1
1
0
6 LSB (≈ 720 mV)
2-0
VDCIN_DIFF[2:0]
0
1
1
1
Every VDCIN measurement
48. Start ADC Measurement SFR (ADCGO, 0xD8)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
7
0xDF
PLLACK
0
Set this bit to clear the PLL fault bit, PLL_FLT in the PERIPH register. A PLL
fault is generated if a reset was caused because the PLL lost lock.
6-3
0xDE –
0xDB
Reserved
0
Reserved
2
0xDA
VADC
0
Set this bit to initiate an externalvoltage measurement. This bit will be
cleared when the measurement request is received by the ADC.
1
0xD9
TADC
0
Set this bit to initiate a temperature measurement. This bit will be cleared
when the measurement request is received by the ADC.
0
0xD8
BTADC
0
Set this bit to initiate a battery measurement. This bit will be cleared when
the measurement request is received by the ADC.
Table 49. Battery detection threshold SFR (BATVTH, 0xFA)
Bit
Bit
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com