Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 107 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 107 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 103Page - Analog Devices ADE7566 Datasheet HTML 104Page - Analog Devices ADE7566 Datasheet HTML 105Page - Analog Devices ADE7566 Datasheet HTML 106Page - Analog Devices ADE7566 Datasheet HTML 107Page - Analog Devices ADE7566 Datasheet HTML 108Page - Analog Devices ADE7566 Datasheet HTML 109Page - Analog Devices ADE7566 Datasheet HTML 110Page - Analog Devices ADE7566 Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 107 of 148
Remark:
The read protection does not prevent MOVC
commands from being executed within the code.
There is an additional layer of protection offered by a protection
security key. The user can setup a protection security key so that
the protection scheme cannot be changed without this key.
Once the protection key has been configured, it may not be
modified.
Enabling Flash Protection by Code
The protection byts in the Flash can be programmed using
Flash controller command and programming ECON to 0x08.
The EADRH, EADRL, PROTB1 and PROTB0 bytes are used in
this case to store the data to be written to the 32 bits of write
protection. Note that the EADRH and EADRL registers are not
used as data pointers here, but to store write protection data.
PROTR
PROTKY
PROTB0
PROTB1
EADRL
EADRH
RP
31-28
RP
27-24
RP
23-20
RP
19-16
RP
15-12
RP
11-8
RP
7-4
RP
3-0
WP
7
WP
6
WP
5
WP
4
WP
3
WP
2
WP
1
WP
0
WP
15
WP
14
WP
13
WP
12
WP
11
WP
10
WP
9
WP
9
WP
23
WP
22
WP
21
WP
20
WP
19
WP
18
WP
17
WP
16
WP
31
WP
30
WP
29
WP
28
WP
27
WP
26
WP
25
WP
24
PROTECTION KEY[7:0]
0x3FFF
0x3FFE
0x3FFD
0x3FFC
0x3FFB
0x3FFA
0x3FF9
0x3E00
WDOG
LOCK
Figure 68: Flash Protection in Page 31
The sequence for writing the protection bits is:
1.
Set up the EADRH, EADRL, PROTB1 and PROTB0
registers with the write/erase protection bits. When
erased, the protection bits default to 1, like any other
bit of Flash memory. The default protection setting is
for no protection. To enable protection, write a 0 to the
bits corresponding to the pages that should be
protected.
2.
Set up the PROTR register with the read protection
bits. Note that every read protection bit protects four
pages. To enable the read protection bit, write a 0 to
the bits that should be read protected.
3.
To enable the protection key, write to the PROTKY
register. If enabled, the protection key will be required
to modify the protection scheme. The protection key,
flash memory address 0x3FFA defaults to FFH so if
the PROTKY register is not written to, it will remain
0xFFH. If the protection key is written to, the
PROTKY register must be written with this value
every time the protection functionality is accessed.
Note that once the protection key is configured, it
cannot be modified. Also note that the most
significant bit of 0x3FFA is used to enable a lock
mechanism for the watchdog settings—see the
Watchdog Timer section for more information.
4.
Run the protection command by writing 08H to the
ECON register.
5.
Reset the chip to activate the new protection.
To enable read and write/erase protection for the last page only,
use the following 8051 code. Writing the flash protection
command to the ECON register initiates programming the
protection bits in the flash.
; enable write/erase protection on the last page only
MOV EADRH, #07FH
MOV EADRL, #0FFH
MOV PROTB1, #FFH
MOV PROTB0, #FFH
; enable read protection on the last four pages only
MOV PROTR, #07FH
; set up a protection key of 0A3H. This command can be
; omitted to use the default protection key of 0xFF
MOV PROTKY, #0A3H
; write the flash key to the FLSHKY register to enable flash
; access. The flash access key is not configurable.
MOV FLSHKY, #3BH
; write flash protection command to the ECON register
MOV ECON, #08H
Enabling Flash Protection by emulator
commands
Another way to set the Flash protection bytes is to use some
reserved emulator commands available only in download mode.
These commands write directly to the SFRs and can be used to
duplicate the operation mentioned in the Enabling Flash
Protection by Code paragraph. Once these Flash bytes are
written, the part can exit emulation mode by reset and the
protections will be effective. This method can be used in
production and implemented after downloading the program.
The commands used for this operation are an extension of the
commands listed in the application note uC004 –
Understanding the Serial Download Protocol:
- Command with ASCII code ‘I’ or 0x49 write the data into R0
- Command with ASCII code ‘F’ or 0x46 write R0 into the SFR
address defined in the data of this command
Omitting the protocol defined in uC004, the sequence to load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com