Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 130 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 130 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 126Page - Analog Devices ADE7566 Datasheet HTML 127Page - Analog Devices ADE7566 Datasheet HTML 128Page - Analog Devices ADE7566 Datasheet HTML 129Page - Analog Devices ADE7566 Datasheet HTML 130Page - Analog Devices ADE7566 Datasheet HTML 131Page - Analog Devices ADE7566 Datasheet HTML 132Page - Analog Devices ADE7566 Datasheet HTML 133Page - Analog Devices ADE7566 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 130 of 148
SERIAL PERIPHERAL INTERFACE
INTERFACE (SPI)
The ADE75XX/ADE71XX integrates a complete hardware
serial peripheral interface on-chip. The SPI interface is full
duplex so that eight bits of data are synchronously transmitted
and received simultaneously. This SPI implementation is double
buffered. This allows the user to read the last byte of received
data while a new byte is shifted in. The next byte to be
transmitted can be loaded while the current byte is shifted out.
The SPI port can be configured for Master or Slave operation.
The physical interface to the SPI is done via MISO (P0.3), MOSI
(P0.2), SCLK (P0.4) and SS (P0.5) pins, while the firmware
interface is done via the SPI Configuration Register SFR
(SPIMOD1, 0xE8)
, SPI Configuration Register SFR (SPIMOD2,
0xE9)
, SPI Interrupt Status Register SFR (SPISTAT, 0xEA), SPI/I2C
Transmit Buffer SFR (SPI2CTx, 0x9A)
and SPI Receive Buffer SFR
(SPI2CRx, 0x9B)
.
Note that the SPI pins are shared with the I2C pins. Therefore,
the user can enable only one interface at a time. The SCPS bit in
the CFG SFR selects which peripheral is active.
SPI SFR REGISTER LIST
SFR Address
Name
R/W
Length
Default
Value
Description
0x9A
SPI2CTx
W
8
SPI Data out register
0x9B
SPI2CRx
R
8
0
SPI Data in register
0xE8
SPIMOD1
R/W
8
0x10
SPI configuration register
0xE9
SPIMOD2
R/W
8
0
SPI configuration register
0xEA
SPISTAT
R/W
8
0
SPI Interrupt Status register
Table 127: SPI SFR register list
Table 128. SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
SPI2CTx
0
SPI or I2C transmit buffer
When SPI2CTx SFR is written, its content is transfered to the transmit FIFO input.
When a write is requested, the FIFO output is sent on the SPI or I2C bus.
Table 129. SPI Receive Buffer SFR (SPI2CRx, 0x9B)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
SPI2CRx
0
SPI or I2C receive buffer
When SPI2CRx SFR is read, one byte from the Receive FIFO output is transfered to
SPI2CRx SFR. A new data from the SPI or I2C bus is written to the FIFO input.
Table 130. SPI Configuration Register SFR (SPIMOD1, 0xE8)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
7-5
0xEF –
0xEE
Reserved
0
Reserved
5
0xED
INTMOD
0
SPI Interrupt mode
0: SPI Interrupt set when SPI Rx buffer full
1: SPI interrupt set when SPI Tx buffer empty
0xEC
Master Mode: SS output control. See Figure 82.
0
The SS is held low while this bit is clear. This allows manual chip select
control using the SS pin.
Single Byte Read or Write: The SS will go low during a single byte
transmission and then return high.
4
AUTO_SS
1
1
Continuous Transfer: The SS will go low during the duration of the multi-
byte continuous transfer and then return high.
3
0xEB
SSE
0
Slave Mode: SS input enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com