Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 136 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 136 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 132Page - Analog Devices ADE7566 Datasheet HTML 133Page - Analog Devices ADE7566 Datasheet HTML 134Page - Analog Devices ADE7566 Datasheet HTML 135Page - Analog Devices ADE7566 Datasheet HTML 136Page - Analog Devices ADE7566 Datasheet HTML 137Page - Analog Devices ADE7566 Datasheet HTML 138Page - Analog Devices ADE7566 Datasheet HTML 139Page - Analog Devices ADE7566 Datasheet HTML 140Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 136 of 148
I2C COMPATIBLE INTERFACE
The ADE75XX/ADE71XX supports a fully licensed* I2C
interface. The I2C interface is implemented as a full hardware
master.
SDATA is the data I/O pin, and SCLK is the serial clock. These
two pins are shared with the MOSI and SCLK pins of the on-
chip SPI interface. Therefore, the user can enable only one
interface or the other on these pins at any given time. The SCPS
bit in the CFG SFR selects which peripheral is active.
The two pins used for data transfer, SDA and SCL are
configured in a Wired-AND format that allows arbitration in a
multi-master system.
The transfer sequence of a I2C system consists of a master
device initiating a transfer by generating a START condition
while the bus is idle. The master transmits the address of the
slave device and the direction of the data transfer in the initial
address transfer. If the slave acknowledges then the data transfer
is initiated. This continues until the master issues a STOP
condition and the bus becomes idle.
SERIAL CLOCK GENERATION
The I2C master in the system generates the serial clock for a
transfer. The master channel can be configured to operate in
Fast mode (256 kHz) or Standard mode (32 kHz).
The bit-rate is defined in the I2CMODE SFR as follow :
]
0
:
1
[
2
16
SCLDIV
core
SCL
f
f
×
=
SLAVE ADDRESSES
The I2CADR SFR contains the slave device ID. The LSB of this
register contains a read/write request. A write to this SFR will
start the I2C communication.
I2C SFR REGISTER LIST
The I2C peripheral interface consists of five SFRs:
-
I2CMOD
-
I2CSTAT
-
I2CADR
-
SPI2CTx
-
SPI2CRx.
As the SPI and I2C serial interfaces share the same pins, I2CMOD, I2CADR, I2CSTAT, SPI2CTx and SPI2CRx SFRs are also shared with
SPIMOD1, SPIMOD2, SPISTAT, SPI2CTx and SPI2CRx SFRs respectively.
SFR Address
Name
R/W
Length
Default
Value
Description
0x9A
SPI2CTx
W
8
SPI Data out register
0x9B
SPI2CRx
R
8
0
SPI Data in register
0xE8
I2CMOD
R/W
8
0
SPI configuration register
0xE9
I2CADR
R/W
8
0
SPI configuration register
0xEA
I2CSTAT
R/W
8
0
SPI/I2C Interrupt Status register
Table 134: SPI SFR register list
Table 135. I2C Mode Register SFR (I2CMOD, 0xE8)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
7
0xEF
I2CEN
0
I2C enable bit
When this bit is set to logic one, the I2C interface is enabled. A write to the
I2CADR SFR will start a communication
6-5
0xEE –
0xED
I2CR[1:0]
0
I2C SCLK frequency
[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com