Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 143 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 143 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 139Page - Analog Devices ADE7566 Datasheet HTML 140Page - Analog Devices ADE7566 Datasheet HTML 141Page - Analog Devices ADE7566 Datasheet HTML 142Page - Analog Devices ADE7566 Datasheet HTML 143Page - Analog Devices ADE7566 Datasheet HTML 144Page - Analog Devices ADE7566 Datasheet HTML 145Page - Analog Devices ADE7566 Datasheet HTML 146Page - Analog Devices ADE7566 Datasheet HTML 147Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 143 of 148
Table 144. Port 0 SFR (P0, 0x80)
Note: When an alternate function is chosen for a pin of this port, the bit controlling this pin should always be set
Bit Location
Bit
Addr.
Bit
Name
Default
Value
Description
7
0x87
T1
1
This bit reflects the state of P0.7/SS/T1 pin. It can be written or read.
6
0x86
T0
1
This bit reflects the state of P0.6/SCLK/T0 pin. It can be written or read.
5
0x85
1
This bit reflects the state of P0.5/MISO pin. It can be written or read.
4
0x84
1
This bit reflects the state of P0.4/MOSI/SDATA pin. It can be written or read.
3
0x83
CF2
1
This bit reflects the state of P0.3/CF2 pin. It can be written or read.
2
0x82
CF1
1
This bit reflects the state of P0.2/CF1/RTCCAL pin. It can be written or read.
1
0x81
1
This bit reflects the state of P0.1 pin. It can be written or read.
0
0x80
INT1
1
This bit reflects the state of P0.0/INT1/BCTRL pin. It can be written or read.
Table 145. Port 1 SFR (P1, 0x90)
Note: When an alternate function is chosen for a pin of this port, the bit controlling this pin should always be set
Bit Location
Bit
Addr.
Bit
Name
Default
value
Description
7
0x97
1
This bit reflects the state of P1.7 pin. It can be written or read.
6
0x96
1
This bit reflects the state of P1.6 pin. It can be written or read.
5
0x95
1
This bit reflects the state of P1.5 pin. It can be written or read.
4
0x94
T2
1
This bit reflects the state of P1.4/T2 pin. It can be written or read.
3
0x93
T2EX
1
This bit reflects the state of P1.3/T2EX pin. It can be written or read.
2
0x92
1
This bit reflects the state of P1.2 pin. It can be written or read.
1
0x91
TxD
1
This bit reflects the state of P1.1/TxD pin. It can be written or read.
0
0x90
RxD
1
This bit reflects the state of P1.0/RxD pin. It can be written or read.
Table 146. Port 2 SFR (P2, 0xA0)
Note: When an alternate function is chosen for a pin of this port, the bit controlling this pin should always be set
Bit Location
Bit
Addr.
Bit
Name
Default
Value
Description
7 - 2
0x97 –
0x92
0x3F
These bits are unused and should be left set
1
0x91
P2.1
1
This bit reflects the state of P2.1 pin. It can be written or read.
0
0x90
P2.0
1
This bit reflects the state of P2.0 pin. It can be written or read.
Interrupt pins configuration SFR (INTPR, 0xFF)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RTCCAL
0
Control RTC calibration output
When set, the RTC calibration frequency selected by FSEL[1:0] is
output on the P0.2/CF1/RTCCAL pin.
Sets RTC calibration output frequency and calibration window
FSEL[1:0]
Calibration window, frequency
0
0
30.5 seconds, 1Hz
0
1
30.5 seconds, 512 Hz
1
0
0.244 seconds, 500Hz
6-5
FSEL[1:0]
1
1
0.244 seconds, 16.384 kHz
4
Reserved
Controls the function of INT1T
3-1
INT1PRG[2:0]
000
INT1PRG[2:0]
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com