Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ASTZF16 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7166ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ASTZF16 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7166ASTZF16 Datasheet HTML 25Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 26Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 27Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 28Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 29Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 30Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 31Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 32Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 29 of 148
BCTRL
Voltage
Supervisory
Voltage
Supervisory
ac input
SAG
Detection
PSU
3.3V
Regulator
5 - 12V dc
Power Supply
Management
(240, 220, 110V typical)
VDCIN
VDD
VSWOUT
VBAT
VP
VN
IPSMF SFR
(Addr. 0xF8)
VSW
Figure 11. Power Supply Management for Energy Meter Application
Figure 12 shows the sequence of events that will be generated
for the power meter application in Figure 11 if the main power
supply generated by the PSU starts to fail. The sag detection can
provide the earliest warning of a potential problem on VDD.
When a sag event occurs, the user code can be configured to
backup data and prepare for battery switchover if desired. The
relative spacing of these interrupts will depend on the design of
the power supply.
Figure 13 shows the sequence of events that will be generated
for the power meter application shown in Figure 11 if the main
power supply starts to fail, with battery switchover on low VDCIN
or low VDD enabled.
V -V
PN
V
DCIN
V
DD
SAG LEVEL trip point
2.75V
SAG Event
(FSAG=1)
VEvent
1.2V
DCIN
SAGCYC=1
Automatic Battery switchover
V
connected to V
SW
BAT
If switchover on low V
is enabled,
DD
BSO Event
(FBSO=1)
(FVDC=1)
t1
t2
Figure 12: Power Supply Management Interrupts and Battery Switchover with only VDD enabled for battery switchover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com