Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ASTZF16 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7166ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ASTZF16 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7166ASTZF16 Datasheet HTML 37Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 38Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 39Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 40Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 41Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 42Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 43Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 44Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 41 of 148
100
Gain = 16
4
Reserved
0
Reserved
3
CFSIGN_OPT
0
This bit defines where the CF change of sign, APSIGN or VARSIGN,
detection is implemented.
0
Filtered power signal
1
On a per CF pulse basis
2 - 0
PGA1[2:0]
0
These bits define the current channel input gain
[2:0]
000
Gain = 1
001
Gain = 2
010
Gain = 4
011
Gain = 8
100
Gain = 16
Table 35. CALMODE register (0x3D)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7 – 6
Reserved
0
These bits should be kept cleared for proper operation
5 - 4
SEL_I_CH[1:0]9
0
These bits define the current channel used for energy measurements
[1:0]
00
Current channel automatically selected by the tampering condition
01 Current channel connected to IA
10 Current channel connected to IB
11 Current channel automatically selected by the tampering condition
3
V_CH_SHORT
0
Logic one short voltage channel to ground
2
I_CH_SHORT
0
Logic one short Current channels to ground
1 - 0
Reserved
Table 36. Interrupt Status Register 1 SFR (MIRQSTL, 0xDC)
Bit
Location
Interrupt Flag
Description
7
ADEIRQFLAG
This bit is set if any of the ADE status flags that are enabled to generate an ADE interrupt
are set. This bit is automatically cleared when all of the enabled ADE status flags are
cleared.
6
Reserved
Reserved.
5
FAULTSIGN1
Logic one indicates that the Fault mode has changed according to the configuration of
the ACCMODE register
4
VARSIGN10
Logic one indicates that the reactive power sign changed according to the configuration
of ACCMODE register
3
APSIGN
Logic one indicates that the active power sign changed according to the configuration of
ACCMODE register
2
VANOLOAD
Logic one indicates that an interrupt was caused by apparent power no-load detected.
This interrupt is also used to reflect the part entering the IRMS No load mode.
1
RNOLOAD2
Logic one indicates that an interrupt was caused by reactive power no-load detected.
0
APNOLOAD
Logic one indicates that an interrupt was caused by active power no-load detected.
Table 37. Interrupt Status Register 2 SFR (MIRQSTM, 0xDD)
Bit
Location
Interrupt Flag
Description
9 This function is not available in ADE7566 and ADE7569 products.
10 This function is not available in ADE7566 and ADE7166 products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com