Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ASTZF16 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7166ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ASTZF16 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7166ASTZF16 Datasheet HTML 33Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 34Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 35Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 36Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 37Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 38Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 39Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 40Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 37 of 148
Address
MADDPT[6:0]
Name
R/W
Length
Signed
/Unsigned
Default
Value
Description
0x04
VARHR
R
24
S
0
Read VAR-hour accumulator without reset3
0x05
RVARHR
R
24
S
0
Read VAR-hour accumulator with reset1
0x06
LVARHR
R
24
S
0
Read VAR-hour accumulator synchronous to line
cycle1
0x07
VAHR
R
24
S
0
Read VA-hour accumulator without reset
0x08
RVAHR
R
24
S
0
Read VA-hour accumulator with reset
0x09
LVAHR
R
24
S
0
Read VA-hour accumulator synchronous to line cycle
0x0A
PER_FREQ
R
16
U
0
Read Line Period or Frequency register depending on
Mode2 register
0x0B
MODE1
R/W
8
U
0x06
Set basic configuration of energy measurement – see
Table 29
0x0C
MODE2
R/W
8
U
0x40
Set basic configuration of energy measurement – see
Table 30
0x0D
WAVMODE
R/W
8
U
0
Set configuration of waveform sample 1 and
waveform sample 2 – see Table 31
0x0E
NLMODE
R/W
8
U
0
Set level of energy no-load thresholds - Table 32
0x0F
ACCMODE
R/W
8
U
0
Set configuration of Watt, VAR accumulation and
various tamper alarms – see Table 33
0x10
PHCAL
R/W
8
S
0x40
Set phase calibration register – see Phase
Compensation section
0x11
ZXTOUT
R/W
12
0x0FFF
Set time out for Zero-crossing time out detection –
see Zero-Crossing Timeout
0x12
LINCYC
R/W
16
U
0xFFFF
Set number of half line cycles for LWATTHR, LVARHR
and LVAHR accumulators
0x13
SAGCYC
R/W
8
U
0xFF
Set number of half line cycles for SAG detection – see
Line Voltage Sag Detection
0x14
SAGLVL
R/W
16
U
0
Set detection level for SAG detection - see Line
Voltage Sag Detection
0x15
IPKLVL
R/W
16
U
0xFFFF
Set peak detection level for current peak detection –
see Peak Detection
0x16
VPKLVL
R/W
16
U
0xFFFF
Set peak detection level for voltage peak detection–
see Peak Detection
0x17
IPEAK
R
24
U
0
Read current peak level without reset – see Peak
Detection
0x18
RSTIPEAK
R
24
U
0
Read current peak level with reset – see Peak
Detection
0x19
VPEAK
R
16
U
0
Read voltage peak level without reset – see Peak
Detection
0x1A
RSTVPEAK
R
16
U
0
Read voltage peak level with reset – see Peak
Detection
0x1B
GAIN
R/W
8
U
0
Set PGA gain of analog inputs – see Table 34
0x1C
IBGAIN4
R/W
12
S
0
Set Matching Gain for IB current input
0x1D
WGAIN
R/W
12
S
0
Set Watt gain register
0x1E
VARGAIN
R/W
12
S
0
Set VAR gain register
0x1F
VAGAIN
R/W
12
S
0
Set VA gain register
0x20
WATTOS
R/W
16
S
0
Set Watt offset register
0x21
VAROS
R/W
16
S
0
Set VAR offset register
0x22
IRMSOS
R/W
12
S
0
Set current rms offset register
0x23
VRMSOS
R/W
12
S
0
Set voltage rms offset register
0x24
WDIV
R/W
8
U
0
Set Watt energy scaling register
3 This function is not available in ADE7566 and ADE7166 products.
4 This function is not available in ADE7566 and ADE7569 products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com