Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ASTZF16 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7166ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ASTZF16 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7166ASTZF16 Datasheet HTML 30Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 31Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 32Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 33Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 34Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 35Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 36Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 37Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 34 of 148
operating mode. When battery switchover occurs, the analog
circuitry used in the ADE energy measurement DSP is disabled.
To reduce power consumption, the user code can initiate a
transition to PSM2.
Entering Sleep Mode (PSM1 to PSM2)
To reduce power consumption when VSW is connected to VBAT,
user code can initiate sleep mode, PSM2, by setting bit 4 in the
Power Control SFR (POWCON, 0xC5) to shut down the MCU
core. Events capable of waking the MCU can be enabled—see
the 3.3V Peripherals and Wakeup Events section.
Servicing Wakeup Events (PSM2 to PSM1)
The ADE75XX/ADE71XX may need to wake up from PSM2 to
service wakeup events – see the 3.3V Peripherals and Wakeup
Events section. PSM1 code execution will begin at the power on
reset vector. After servicing the wakeup event, the
ADE75XX/ADE71XX can return to PSM2 by setting bit 4 in the
Power Control SFR (POWCON, 0xC5) to shut down the MCU
core.
Automatic Switch to VDD (PSM2 to PSM0)
If the conditions to switch VSW from VBAT to VDD occur (see the
Battery Switchover section), the operating mode will switch to
PSM0. When this switch occurs, the MCU core and the analog
circuitry used in the ADE energy measurement DSP will start
up again automatically. PSM0 code execution will begin at the
power on reset vector.
Automatic Switch to VDD (PSM1 to PSM0)
If the conditions to switch VSW from VBAT to VDD occur (see the
Battery Switchover section), the operating mode will switch to
PSM0. When this switch occurs, the analog circuitry used in the
ADE energy measurement DSP will start up automatically. Note
that code execution will continue normally. A software reset can
be performed to start PSM0 code execution at the power on
reset vector.
USING THE POWER MANAGEMENT FEATURES
Since program flow is different for each operating mode, the
status of VSW must be known at all times. The VSWSOURCE bit
in the Power Management Interrupt Flag SFR (IPSMF, 0xF8)
indicates what VSW is connected to. This bit can be used to
control program flow on wakeup. Since code execution always
starts at the power on reset vector, bit 6 of the Peripheral
Configuration SFR (PERIPH, 0xF4) can be tested to determine
which power supply is being used and to branch to normal code
execution or to wakeup event code execution. Power supply
events can also occur when the MCU core is active. To be aware
of events that change what VSW is connected to:
Enable the battery switchover interrupt (EBSO) if VSW=VDD
at power up.
Enable the power supply restored interrupt (EPSR) if
VSW=VBAT at power up.
An early warning that battery switchover is about to occur is
provided by SAG detection and possibly low VDCIN detection—
see the Battery Switchover section.
For a user controlled battery switchover, enable automatic
battery switchover on low VDD only. Then enable the low VDCIN
event to generate the PSM interrupt. When a low VDCIN event
occurs, start data backup. Upon completion of the data backup,
enable battery switchover on low VDCIN. Then battery switchover
will occur TBDms later.
PSM0
Normal Mode
VSW connected to VDD
PSM1
Battery Mode
VSW connected to VBAT
PSM2
Sleep Mode
VSW connected to VBAT
User code directs MCU
to shutdown core after
servicing wakeup event
Automatic Battery
Switchover
Power Supply
Restored
Wakeup
Event
Power Supply
Restored
Figure 15: Transitioning between Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com