Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ASTZF16 Datasheet(PDF) 75 Page - Analog Devices

Part # ADE7166ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ASTZF16 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADE7166ASTZF16 Datasheet HTML 71Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 72Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 73Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 74Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 75Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 76Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 77Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 78Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 75 of 148
The active register bank is selected by the RS0 and RS1 bits in
the Program Status Word SFR (PSW, 0xD0).
Accumulator:
The accumulator is a working register, storing
the results of many arithmetic or logical operations. The
accumulator is used in more than half of the 8052 instructions
where it is usually referred to as A. The status register (PSW)
constantly monitors the number of bits that are set in the
accumulator to determine if it has even or odd parity. The
accumulator is stored in the SFR space - see Table 53.
B Register:
The B register is used by the multiply and divide
instructions, MUL AB and DIV AB to hold one of the operands.
Since it isn’t used for many instructions, it can be used as a
scratchpad register like those in the register banks. The B
register is stored in the SFR space - see Table 53.
Program Status Word (PSW):
The PSW register reflects the
status of arithmetic and logical operations through carry,
auxiliary carry and overflow flags. The parity flag reflects the
parity of the contents of the accumulator, which can be helpful
for communication protocols. The PSW bits are described in
Table 54. The Program Status Word SFR (PSW, 0xD0) is bit
addressable.
Data Pointer (DPTR):
The data pointer is made up of two 8-bit
registers: DPH (high byte), and DPL (low byte). These provide
memory addresses for internal code and data access. The DPTR
can be manipulated as a 16-bit register (DPTR = DPH, DPL), or
as two independent 8-bit registers (DPH, DPL) – see Table 56
and Table 57.
The ADE75XX/ADE71XX supports dual data pointers. See the
Dual Data Pointers section.
Stack Pointer (SP):
The Stack Pointer keeps track of the current
address of the top of the stack. To push a byte of data onto the
stack, the stack pointer is incremented and the data is moved to
the new top of the stack. To pop a byte of data off of the stack,
the top byte of data is moved into the awaiting address and the
stack pointer is decremented. The stack is a last in first out
(LIFO) method of data storage because the most recent
addition to the stack is the first to come off it.
The stack is utilized during CALL and RET instructions to keep
track of the address to move into the PC when returning from
the function call. The stack is also manipulated when vectoring
for interrupts, to keep track of the prior state of the PC.
The stack resides into the extended internal RAM and the SP
register holds the address of the stack into the externded RAM.
The advantage of this solution is that the stack is segregated to
the extended internal RAM. The use of the general purpose
RAM can be limited to data storing and the use of the extended
internal RAM limited to the stack pointer. This separation limits
the chance of corruption of the data RAM with the stack
pointer overflowing in data RAM.
Data can still be stored in extended RAM by using the MOVX
command.
To change the default starting address for the stack, move a
value into the stack pointer, SP. For example, to enable the
extended stack pointer and initialize it at the beginning of the
XRAM space, use this code:
MOV
SP,#00H
256 BYTES OF
ON-CHIP DATA
256 BYTES OF
RAM
(DATA)
00H
FFH
FFH
DATA+STACK
00H
256 BYTES OF
ON-CHIP X-RAM
Figure 55. Extended Stack Pointer Operation
STANDARD 8052 SFRS
The standard 8052 special function registers include the
Accumulator, B, PSW, DPTR and SP SFRs described in the Basic
8052 Registers section. The 8052 also defines standard timers,
serial port interface, interrupts, I/O ports and power down
modes.
Timer SFRs:
The 8052 contains 3 16-bit timers, the identical
Timer0 and Timer1 as well as a Timer2. These timers can also
function as event counters. Timer2 has a capture feature where
the value of the timer can be captured in two 8-bit registers
upon the assertion of an external input signal - see Table 96 and
Timers section.
Serial Port SFRs:
The full-duplex serial port peripheral requires
two registers, one for setting up the baud rate and other
communication parameters, and another byte for the
transmit/receive buffer. The ADE75XX/ADE71XX also provides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com