Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ASTZF16 Datasheet(PDF) 103 Page - Analog Devices

Part # ADE7166ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ASTZF16 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADE7166ASTZF16 Datasheet HTML 99Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 100Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 101Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 102Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 103Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 104Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 105Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 106Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 103 of 148
0x0000
PAGE 0
0x01FF
0x0200
PAGE 1
0x03FF
0x0400
PAGE 2
0x05FF
0x0600
PAGE 3
0x07FF
0x0800
PAGE 4
0x09FF
0x0A00
PAGE 5
0x0BFF
0x0C00
PAGE 6
0x0DFF
0x0E00
PAGE 7
0x0FFF
0x1000
PAGE 8
0x11FF
0x1200
PAGE 9
0x13FF
0x1400
PAGE 10
0x15FF
0x1600
PAGE 11
0x17FF
0x1800
PAGE 12
0x19FF
0x1A00
PAGE 13
0x1BFF
0x1C00
PAGE 14
0x1DFF
0x1E00
PAGE 15
0x1FFF
READ
PROTECT
BIT 0
READ
PROTECT
BIT 1
READ
PROTECT
BIT 2
READ
PROTECT
BIT 3
0x2000
PAGE 16
0x21FF
0x2200
PAGE 17
0x23FF
0x2400
PAGE 18
0x25FF
0x2600
PAGE 19
0x27FF
0x2800
PAGE 20
0x29FF
0x2A00
PAGE 21
0x2BFF
0x2C00
PAGE 22
0x2DFF
0x2E00
PAGE 23
0x2FFF
0x3000
PAGE 24
0x31FF
0x3200
PAGE 25
0x33FF
0x3400
PAGE 26
0x35FF
0x3600
PAGE 27
0x37FF
0x3800
PAGE 28
0x39FF
0x3A00
PAGE 29
0x3BFF
0x3C00
PAGE 30
0x3DFF
0x3E00
PAGE 31
0x3FFF
READ
PROTECT
BIT 4
READ
PROTECT
BIT 5
READ
PROTECT
BIT 6
READ
PROTECT
BIT 7
CONTAINS
PROTECTION
SETTINGS
Figure 66: Flash Memory Organization
The flash memory can be protected from read or write/erase
access. The protection is implemented in part of the last page of
the flash memory, Page 31. Four of the bytes from this page are
used to set up write/erase protection for each of the pages.
Another byte is used for configuring read protection of the flash
memory. The read protection is selected for groups of four
pages. Finally, there is a byte used to store the key required for
modifying the protection scheme. If any code protection is
required, the last page of flash memory must be write/erase
protected at a minimum. The implication of write/erase
protecting the last page is that the content of the 506 bytes in
this page that are available to the user must not change.
Thus it is recommended that if code protection is enabled, this
last page should be used for program memory only if the
firmware does not need to be updated in the field. If the
firmware must be protected and can be updated at a future date,
the last page should be used only for constants used by the
program code that will not need to be read during emulation or
debug.
Therefore, Pages 0 through 30 are for general program and data
memory use. It is recommended that Page 31 is used for
constants or code that will not need to be updated. Note that the
last 6 bytes of Page 31 are reserved for protecting the flash
memory.
USING THE FLASH MEMORY
The 8k or 16 kbytes of Flash memory are configured as 16 or 32
pages, each of 512 bytes. As with the other
ADE75XX/ADE71XX peripherals, the interface to this memory
space is via a group of registers mapped in the SFR space – see .
A data register, EDATA, holds the byte of data to be accessed.
The byte of flash memory is addressed via the EADRH and
EADRL registers. The Flash SFRs
Table 86. Flash SFRs
SFR
Address
Default
Value
Bit
Addressable
Description
ECON
0xB9
0x00
No
Flash
Control
FLSHKY
0xBA
0xFF
No
Flash Key
PROTKY
0xBB
0xFF
No
Flash
Protection
Key
EDATA
0xBC
0x00
No
Flash Data
PROTB0
0xBD
0xFF
No
Flash W/E
Protection 0
PROTB1
0xBE
0xFF
No
Flash W/E
Protection 1
PROTR
0xBF
0xFF
No
Flash Read
protection
EADRL
0xC6
0x00
No
Flash Low
address
EADRH
0xC7
0x00
No
Flash High
address
Finally, ECON is an 8-bit control register that can be written to
with one of seven Flash memory access commands to trigger
various read, write, erase, and verify functions. Figure 67
demonstrates the steps required for access to the flash memory.
FALSE: ACCESS DENIED
ECON=1
ECON
FLSHKY=0x3B?
ADDRESS
DECODER
FLSHKY
EADRL
EADRH
Address
Flash Protection Key
ACCESS
ALLOWED?
PROTECTION
DECODER
Command
TRUE: ACCESS ALLOWED
ECON=0
Figure 67: Flash Memory Read/Write/Erase Protection Block Diagram
ECON—Flash/EE Memory Control SFR
Programming Flash memory is done through the Flash
memory control Flash Control SFR (ECON, 0xB9). This SFR
allows the user to read, write, erase, or verify the 16 or 32 kbytes
of Flash memory. As a method of security, a key must be
written to the FLSHKY register to initiate any user access to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com