Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ASTZF16 Datasheet(PDF) 109 Page - Analog Devices

Part # ADE7166ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ASTZF16 Datasheet(HTML) 109 Page - Analog Devices

Back Button ADE7166ASTZF16 Datasheet HTML 105Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 106Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 107Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 108Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 109Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 110Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 111Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 112Page - Analog Devices ADE7166ASTZF16 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 109 of 148
TIMERS
The ADE75XX/ADE71XX has three 16-bit timer/ counters:
Timer 0, Timer 1, and Timer 2. The timer/counter hardware is
included on-chip to relieve the processor core of the overhead
inherent in implementing timer/counter functionality in
software. Each timer/counter consists of two 8-bit registers:
THx and TLx (x = 0, 1, or 2). All three can be configured to
operate either as timers or as event counters.
When functioning as a timer, the TLx register is incremented
every machine cycle. Thus, one can think of it as counting
machine cycles. Because a machine cycle on a single-cycle core
consists of one core clock period, the maximum count rate is
the core clock frequency.
When functioning as a counter, the TLx register is incremented
by a 1-to-0 transition at its corresponding external input pin:
T0, T1, or T2. When the samples show a high in one cycle and a
low in the next cycle, the count is incremented. Because it takes
two machine cycles (two core clock periods) to recognize a
1-to-0 transition, the maximum count rate is half the core clock
frequency.
There are no restrictions on the duty cycle of the external input
signal, but, to ensure that a given level is sampled at least once
before it changes, it must be held for a minimum of one full
machine cycle. User configuration and control of all timer
operating modes is achieved via the SFRs in Table 96.
Table 96. Timer SFRs
SFR
Address
Bit Addressable
Description
TCON
0x88
Yes
Timer0 and Timer1 Control Register – see Table 98
TMOD
0x89
No
Timer Mode register– see Table 97
TL0
0x8A
No
Timer0 LSB– see Table 101
TL1
0x8B
No
Timer1 LSB– see Table 103
TH0
0x8C
No
Timer0 MSB– see Table 100
TH1
0x8D
No
Timer1 MSB– see Table 102
T2CON
0xC8
Yes
Timer2 Control Register – see Table 99
RCAP2L
0xCA
No
Timer2 Reload/Capture LSB – see Table 107
RCAP2H
0xCB
No
Timer2 Reload/Capture MSB – see Table 106
TL2
0xCC
No
Timer2 LSB – see Table 105
TH2
0xCD
No
Timer2 MSB – see Table 104
TIMER SFR REGISTER LIST
Table 97. Timer/Counter 0 and 1 Mode SFR (TMOD, 0x89)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
Gate1
0
Timer 1 Gating Control.
Set by software to enable Timer/Counter 1 only while the INT1 pin is high and the TR1 control is
set.
Cleared by software to enable Timer 1 whenever the TR1control bit is set.
6
C_T1
0
Timer 1 Timer or Counter Select Bit.
Set by software to select counter operation (input from T1 pin).
Cleared by software to select the timer operation (input from internal system clock).
Timer 1 Mode Select bits
M1
M0
Description
0
0
TH1 operates as an 8-bit timer/counter. TL1 serves as 5-bit prescaler.
5-4
T1_M1,
T1_M0
00
0
1
16-Bit Timer/Counter. TH1 and TL1 are cascaded; there is no prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com