Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MAC7101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Features
Freescale Semiconductor
6
— Maskable interrupts, including low-power mode wake up on bus activity
— Programmable I/O modes
•
Enhanced Modular I/O Subsystem (eMIOS)
— 16 unified channels, each of which can be enabled for eDMA service
— Three 16-bit counter buses, with synchronization between timebases
— One global prescaler plus prescaler available on each channel
— Channels can be individually disabled to assist with power saving
— Fourteen channel operating modes available:
– General-purpose input/output
– Single-action input capture
– Single-action output compare
– Input pulse width measurement
– Input period measurement
– Double-action output compare
– Pulse/edge accumulation
– Pulse/edge counting
– Quadrature decode
– Windowed programmable time accumulation
– Modulus counter
– Output pulse width modulation
– Output pulse width modulation, center aligned
– Output pulse width and frequency modulation
•
Serial Peripheral Interfaces (DSPI)
— Up to two DSPI modules
— Full duplex, synchronous transfers
— Master or slave operation
— Programmable master bit rates
— Programmable clock polarity and phase
— End-of-transmission interrupt flag
— Flexible baud rates available
— Programmable data frames from 4 bits to 16 bits
— Up to 8 chip select lines enable 256 external devices to be selected using external multiplexer
— Two DMA request signals per module for message frame support
— Separate transmit and receive FIFOs for improved system performance
— Queueing operation possible through use of eDMA controller channels
— Fast switching between SPI slave device types via transfer attributes coupled with data
— General purpose I/O functionality on pins when not used for DSPI
•
Enhanced Serial Communications Interfaces (eSCI)
— Up to four eSCI modules
— Standard non-return-to-zero (NRZ) mark/space format
— Full-duplex operation
— Software selectable word length (8- or 9-bit words)
— 10/11- or 13/14-bit break character formats available
— 13-bit programmable baud-rate modulus counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com