Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Functional Overview
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
9
— Boot from program Flash
— JTAG lockout recovery available
•
Secured Expanded Mode
— All debug features available.
— Boot from off-chip device using the external bus interface
— Program and data Flash memory not available
•
Data Flash Boot Mode
— All debug features available
— Boot from data Flash
•
Secured Data Flash Boot Mode
— No debug features available
— No external bus interface
— Boot from data Flash
— JTAG lockout recovery available
3.2
Low-Power Modes
There are three low-power modes available:
•
Stop Mode (provides the lowest power consumption)
This is a mode in which all MCU clocks are stopped for maximum power savings. Typically, when
stop mode is requested, each module puts itself in a known state and then sends a stop acknowledge
signal to inform the clock module that it can stop the clocks.
•
Pseudo-Stop Mode
The oscillator continues to run and most of the system and peripheral clocks are stopped. If the
respective enable bits are set, the SWT and RTI will continue to run, otherwise they also stop.
•
Doze Mode
This is a mode in which the CPU bus is kept alive and a global doze mode request is sent to all
peripherals asking them to enter low power mode. Typically, when doze mode is requested, each
peripheral can be enabled to enter low power mode or continue normal operation.
4
Functional Overview
The following is a brief summary of the functional blocks in the MAC7100 devices. For more details refer
to the MAC7100 Microcontroller Family Reference Manual (MAC7100RM).
4.1
32-bit ARM7TDMI-S RISC Core
The MAC7100 family is implemented with an ARM7 CPU. This is a 32-bit RISC core with a three-stage
pipeline for high instruction throughput. The core used across the family is the ARM7TDMI-S, which
supports both 32-bit and 16-bit (THUMB) instruction sets for optimum code density. No architectural
modifications have been made to this core during implementation, enabling the MAC7100 family to
remain compliant to the ARM ISA V4T and existing tool chains. The core is implemented to support big
endian memory systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com