Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Functional Overview
Freescale Semiconductor
14
The software watchdog timer (SWT) is contained within the MCM and supports either interrupt or reset
generation on the occurrence of a time-out event. The SWT also supports a windowed time period,
requiring the writing of the watchdog key within a specified time window. The source for the SWT clock
is controlled by the clock and reset generator module (CRG).
The MCM also configures the crossbar switch (XBS) address map to steer access to the crossbar slave
ports in order to provide remapping operations. Following reset, the mapping is determined by the chip
mode entered. Following reset the Flash, external bus, and RAM can be remapped as necessary.
4.15 System Services Module (SSM)
The SSM contains information on device configuration and the status of the eDMA controller.
4.16 Voltage Regulator Module (VREG)
The voltage regulator (VREG) module provides the internal voltage for the on-chip logic, which enables
devices in the MAC7100 family to be supplied with a single 5V power supply source. The VREG module
is a dual output voltage regulator providing two 2.5 V (typical) supplies that differ in the amount of current
that can be sourced by each. The regulator input voltage range is from 3.3 V up to 5 V. In low-power modes
of operation the voltage regulator output can be reduced in order to further assist with power saving. The
VREG can also be shut down by connecting the VDDR pin to VSSR.
4.17 System Clocks (OSC and CRG)
The Pierce oscillator (OSC) coupled with the Clock and Reset Generator (CRG) provide the internal clock
signals for the core and all peripheral modules. The system clock can be supplied to the MCU in several
ways, enabling support for a range of system operating frequencies:
•
From the oscillator, with a frequency set by an external, 16 MHz maximum, crystal reference
•
From the on-chip phase-locked loop, using the oscillator clock as a reference
•
From the PLL in self-clocking mode
The clock generated by the oscillator or the phase-locked loop (PLL) provides the main system clock
frequency, fSYS. The system clock is used throughout the device to drive the core and the memories. The
IPS peripherals use a clock equal to fSYS ÷ 2.
The program Flash memory is supplied by both fSYS and fSYS ÷ 2. fSYS is used for access to the Flash
controller, but the interleaved Flash arrays operate at half the system frequency to allow enough time to
access the array, enabling the memory controller to achieve close to single-cycle access times.
The CAN modules may be configured to utilize either the peripheral clock (fSYS ÷ 2) or the oscillator clock
(OSCCLK). This allows the user to select the CAN clock based on the required jitter performance.
The Periodic Interrupt Timer (PIT) and Software Watchdog Timer (SWT) can be configured to run from
the oscillator or the PLL generated clock. This allows these functions to continue to run during low-power
operating modes if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com