Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MAC7101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Modes of Operation
Freescale Semiconductor
8
•
System Services Module (SSM)
— Memory sizes and status
— Device mode and security status
— eDMA status
— Reserved address space protection
— Debug status port configuration
•
Development support
— Real-time instruction trace support via Nexus II interface
— Selectable Nexus port position on 208-pin MAP BGA and 144-pin LQFP packaged device
— ARM Embedded ICE debug interface
— JTAG Test Access Port (TAP) interface
— Debug mode access to CPU registers
— Real Time memory access
— Hardware Breakpoints
•
Clock generation
— Selectable Standard Pierce or low-power Amplitude Loop Controlled (ALC) Pierce oscillator
— Phase-locked loop clock frequency multiplier
— Self-clocking mode available in absence of external clock
— Low power 0.5 to 16 MHz crystal oscillator reference clock
— Clock generation and monitor, reset control, and software watchdog timer (SWT)
•
I/O lines with 5 V input and drive capability, 5 V ATD converter inputs
•
2.5 V logic supply, with internal 5 V to 2.5 V Regulator
•
208-pin MAP BGA, 144-pin LQFP, 112-pin LQFP, and 100-pin LQFP package options
3
Modes of Operation
3.1
Chip Configuration Modes
Devices in the MAC700 family operate in several different modes, depending on the particular application
and stage of development. There are 6 modes available for MAC7100 devices, as determined via external
input during reset as well as the security state of the on-chip program Flash memory. The selected mode
affects the memory map, debug features, and security features:
•
Normal Single-Chip Mode
— All debug features available
— Boot from program Flash
•
Normal Expanded Mode
— All debug features available
— Boot from off-chip device using the external bus interface
— Program and data Flash memory available
•
Secured Single-Chip Mode
— No debug features available
— No external bus interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com