Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Documentation and Ordering
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
15
4.18 Development Support
The MAC7100 family of devices offers debugging with the EmbeddedICE (E-ICE) and a NEXUS 2 Plus
interface. EmbeddedICE offers debug features such as setting breakpoints or watchpoints, modifying and
reading memory contents. EmbeddedICE uses the standard JTAG serial interface and Test Access Port
(TAP) and is compatible with existing ARM tool chains. The NEXUS interface provides real-time
program trace capability and also uses the JTAG port, while also providing an auxiliary port for additional
debug capabilities. The auxiliary port can be provided in two pin positions depending on the device and
package. In the 208 MAP BGA and 144 LQFP package, it is possible for the NEXUS port to be available
on either the low byte of Port A or the low byte of Port E. On smaller packages, the Nexus port is available
only in the Port E position.
5
Documentation and Ordering
Table 2 lists the documents that provide a complete description of the MAC7100 microcontroller family
and are required to design properly with devices in the family. Documentation is available from a local
Freescale Semiconductor sales office or distributor, the Freescale Literature Distribution Center, or
through the Freescale web site at http://www.freescale.com. Figure 2 shows an example orderable part
number and description that is used to completely specify a MAC7100 family device.
Figure 2. Orderable Part Number Example
Table 2. MAC7100 Family Documentation
Document Name
Order Number
MAC7100 Microcontroller Family Reference Manual
MAC7100RM
MAC7100 Hardware Specifications
MAC7100EC
ARM Architecture Reference Manual (Second Edition)
ARM DDI 0100E
ARM7TDMI-S (Rev 4) Technical Reference Manual (Issue A)
ARM DDI 0234A
LIN Specification 2.0
CAN protocol specification, Version 2.0 B
FU = 100 LQFP
PV = 112 / 144 LQFP
VF = 208 MAP BGA
1
7
MAC
C PV 50 xx
01
Qualification Status00
Core Code00
Core Number00
Generation / Family00
Package Option(1)
1. Package Option
2. Temperature Option
Optional Package Identifiers
Speed (MHz)
Package Identifier
Temperature Range(2)
Device Number
C = –40°C to 85°C
V = –40°C to 105°C
M = –40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com