Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 1 Page - STMicroelectronics

  STE100P Datasheet HTML 1Page - STMicroelectronics STE100P Datasheet HTML 2Page - STMicroelectronics STE100P Datasheet HTML 3Page - STMicroelectronics STE100P Datasheet HTML 4Page - STMicroelectronics STE100P Datasheet HTML 5Page - STMicroelectronics STE100P Datasheet HTML 6Page - STMicroelectronics STE100P Datasheet HTML 7Page - STMicroelectronics STE100P Datasheet HTML 8Page - STMicroelectronics STE100P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
STE100P
January 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
1.0 DESCRIPTION
The STE100P, also referred to as STEPHY1, is a
high performance Fast Ethernet physical layer inter-
face for 10BASE-T and 100BASE-TX applications.
It was designed with advanced CMOS technology to
provide a Media Independent Interface (MII) for easy
attachment to 10/100 Media Access Controllers
(MAC) and a physical media interface for 100BASE-
TX of IEEE802.3u and 10BASE-T of IEEE802.3.
The STEPHY1 supports both half-duplex and full-du-
plex operation, at 10 and 100 Mbps operation. Its op-
erating mode can be set using auto-negotiation,
parallel detection or manual control. It also allows for
the support of auto-negotiation functions for speed
and duplex detection.
2.0 FEATURE
2.1 Industry standard
n
IEEE802.3u 100BASE-TX and IEEE802.3
10BASE-T compliant
n
Support for IEEE802.3x flow control
n
IEEE802.3u Auto-Negotiation support for
10BASE-T and 100BASE-TX
n
MII interface
n
Standard CSMA/CD or full duplex operation
supported
PQFP64
ORDERING NUMBER: STE100P
PRODUCT PREVIEW
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Figure 1. BLOCK DIAGRAM
NRZ ToManchester
E ncoder
10 TX
Filter
TRANSMITTER
10/100
Scrambler
Auto
Negotiation
4B/5B
NRZ To NRZI
Encoder
Link Pulse
Generator
Binary To MLT3
Encoder
RECEIVER
10/100
Parallel to
Serial
Descrambler
Code Align
4B/5B
NRZI To NRZ
Decoder
Serial to
Parallel
NRZ To Manchester
Encoder
Link Pulse
Detector
SMART
Squelch
10 TX Filter
Clock Recovery
Clock
Generation
System
Clock
Adaptive
Equalization
BaseLine
Wander
B inary ToMLT3
Decoder
Clock Recovery
REGISTERS
HW Config
Power Down
LEDS
RX Channel
TX Channel
TXP
TXN
RXP
RXN
MDC
MDIO
RXD[3:0]
RX_ER
RX_DV
RX_CLK
TX_CLK
TXD[3:0]
TX_ER
TX_EN
LEDS
HW
configuration
pins
10Mb/s
100Mb/s
100Mb/s
10Mb/s
Loopback


Similar Part No. - STE100P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
More results

Similar Description - STE100P

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Intel Corporation
LXT9763 INTEL-LXT9763 Datasheet
1Mb / 74P
Fast Ethernet 10/100 Hex Transceiver with Full MII
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com