Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFIL Datasheet(PDF) 92 Page - ATMEL Corporation

Part # T80C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFIL Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button T80C5112-RKFIL Datasheet HTML 88Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 89Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 90Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 91Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 92Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 93Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 94Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 95Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
92
Rev. B - November 10, 2000
Preliminary
T80C5112
18.6.9. EPROM Programming and Verification Characteristics
TA =21
°Cto27°C; V
SS = 0V;
VCC =5V ± 10% while programming. VCC = operating range while verifying
18.6.10. EPROM Programming and Verification Waveforms
Figure 44. EPROM Programming and Verification Waveforms
Symbol
Parameter
Min
Max
Units
VPP
Programming Supply Voltage
12.5
13
V
IPP
Programming Supply Current
75
mA
1/TCLCL
Oscillator Frquency
4
6
MHz
TAVGL
Address Setup to PROG Low
48 TCLCL
TGHAX
Adress Hold after
PROG
48 TCLCL
TDVGL
Data Setup to PROG Low
48 TCLCL
TGHDX
Data Hold after PROG
48 TCLCL
TEHSH
(Enable) High to VPP
48 TCLCL
TSHGL
VPP Setup to PROG Low
10
m s
TGHSL
VPP Hold after PROG
10
m s
TGLGH
PROG Width
90
110
m s
TAVQV
Address to Valid Data
48 TCLCL
TELQV
ENABLE Low to Data Valid
48 TCLCL
TEHQZ
Data Float after ENABLE
0
48 TCLCL
TGHSL
TEHSH
ALE/PROG
TAVGL
TDVGL
P0
P1.0-P1.7
P2.0-P2.5
P3.4-P3.5*
EA/VPP
CONTROL
SIGNALS
(ENABLE)
ADDRESS
DATA IN
VCC
VPP
VCC
TGHAX
TGHDX
TGLGH
TSHGL
ADDRESS
DATA OUT
TAVQV
TELQV
TEHQZ
PROGRAMMING
VERIFICATION
* 8KB: up to P2.4, 16KB: up to P2.5, 32KB: up to P3.4, 64KB: up to P3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com