Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFIL Datasheet(PDF) 23 Page - ATMEL Corporation

Part # T80C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFIL Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button T80C5112-RKFIL Datasheet HTML 19Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 20Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 21Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 22Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 23Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 24Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 25Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 26Page - ATMEL Corporation T80C5112-RKFIL Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
Rev. B - November 10, 2000
23
Preliminary
T80C5112
9. Ports
The T80C5112 has 5 I/O ports, from port 0 to port 4.. The number of possible I/O on each package option is
shown on Table 9.
At least 39 pins of the T80C5112 may be used as I/Os when a two-pin external oscillator.
Table 9. Number of available I/O versus pin number
All port1, port3 and port4 I/O port pins on the T80C5112 may be software configured to one of four types on a
bit-by-bit basis, as shown in Table 10. These are: quasi-bidirectional (standard 80C51 port outputs), push-pull,
open drain, and input only. Two configuration registers for each port choose the output type for each port pin.
Table 10. Port Output Configuration settings using PxM1 and PxM2 registers
9.1. Ports types
9.1.1. Quasi-Bidirectional Output Configuration
The default port output configuration for standard T80C5112 I/O ports is the quasi-bidirectional output that is
common on the 80C51 and most of its derivatives. This output type can be used as both an input and output
without the need to reconfigure the port. This is possible because when the port outputs a logic high, it is weakly
driven, allowing an external device to pull the pin low. When the pin is pulled low, it is driven strongly and able
to sink a fairly large current. These features are somewhat similar to an open drain output except that there are
three pull-up transistors in the quasi-bidirectional output that serve different purposes. One of these pull-ups, called
the "very weak" pull-up, is turned on whenever the port latch for the pin contains a logic 1. The very weak pull-
up sources a very small current that will pull the pin high if it is left floating. A second pull-up, called the "weak"
pull-up, is turned on when the port latch for the pin contains a logic 1 and the pin itself is also at a logic 1 level.
This pull-up provides the primary source current for a quasi-bidirectional pin that is outputting a 1. If a pin that
has a logic 1 on it is pulled low by an external device, the weak pull-up turns off, and only the very weak pull-
up remains on. In order to pull the pin low under these conditions, the external device has to sink enough current
to overpower the weak pull-up and take the voltage on the port pin below its input threshold.
The third pull-up is referred to as the "strong" pull-up. This pull-up is used to speed up low-to-high transitions on
a quasi-bidirectional port pin when the port latch changes from a logic 0 to a logic 1. When this occurs, the strong
pull-up turns on for a brief time, two CPU clocks, in order to pull the port pin high quickly. Then it turns off again.
The quasi-bidirectional port configuration is shown in Figure 5.
48
52
Supply pins
2
3
I/O
39
39
Inputs
1
1
Maximun I/O count
40
40
PxM1.y bit
PxM2.y bit
Port Output Mode
0
0
Quasi bidirectional
0
1
Push-Pull
1
0
Input Only (High Impedance)
1
1
Open Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com